Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14043B Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC14043B
Szczegółowy opis  CMOS MSI Quad R?뭆 Latches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14043B Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC14043B Datasheet HTML 1Page - ON Semiconductor MC14043B Datasheet HTML 2Page - ON Semiconductor MC14043B Datasheet HTML 3Page - ON Semiconductor MC14043B Datasheet HTML 4Page - ON Semiconductor MC14043B Datasheet HTML 5Page - ON Semiconductor MC14043B Datasheet HTML 6Page - ON Semiconductor MC14043B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC14043B, MC14044B
http://onsemi.com
5
THREE−STATE ENABLE/DISABLE DELAYS
Set, Reset, Enable, and Switch Conditions for 3−State Tests
Test
Enable
S1
S2
Q
MC14043B
MC14044B
S
R
S
R
tPZH
Open
Closed
A
VDD
VSS
VSS
VDD
tPZL
Closed
Open
B
VSS
VDD
VDD
VSS
tPHZ
Open
Closed
A
VDD
VSS
VSS
VDD
tPLZ
Closed
Open
B
VSS
VDD
VDD
VSS
ENABLE
QA
QB
50%
tPZH
10%
tPZL
tPHZ
tPLZ
10%
90%
VDD
VSS
VDD
VOL
VOH
VSS
ORDERING INFORMATION
Device
Package
Shipping
MC14043BDG
SOIC−16
(Pb−Free)
48 Units / Rail
NLV14043BDG*
SOIC−16
(Pb−Free)
48 Units / Rail
MC14043BDR2G
SOIC−16
(Pb−Free)
2500 Units / Tape & Reel
NLV14043BDR2G*
SOIC−16
(Pb−Free)
2500 Units / Tape & Reel
MC14043BFELG
SOEIAJ−16
(Pb−Free)
2000 Units / Tape & Reel
MC14044BDG
SOIC−16
(Pb−Free)
48 Units / Rail
NLV14044BDG*
SOIC−16
(Pb−Free)
48 Units / Rail
MC14044BDR2G
SOIC−16
(Pb−Free)
2500 Units / Tape & Reel
NLV14044BDR2G*
SOIC−16
(Pb−Free)
2500 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.
TO
OUTPUT
UNDER
TEST
VDD
S1
S2
1 k
CL
50 pF
VSS


Podobny numer części - MC14043B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14043B ONSEMI-MC14043B Datasheet
192Kb / 8P
   CMOS MSI(Quad R-S Latches)
March, 2000 ??Rev. 3
MC14043B ONSEMI-MC14043B Datasheet
104Kb / 8P
   CMOS MSI Quad R?뭆 Latches
August, 2005 ??Rev. 6
MC14043B ONSEMI-MC14043B Datasheet
143Kb / 7P
   CMOS MSI Quad R?뭆 Latches
April, 2013 ??Rev. 9
MC14043BCP ONSEMI-MC14043BCP Datasheet
192Kb / 8P
   CMOS MSI(Quad R-S Latches)
March, 2000 ??Rev. 3
MC14043BCP ONSEMI-MC14043BCP Datasheet
104Kb / 8P
   CMOS MSI Quad R?뭆 Latches
August, 2005 ??Rev. 6
More results

Podobny opis - MC14043B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14043B ONSEMI-MC14043B_05 Datasheet
104Kb / 8P
   CMOS MSI Quad R?뭆 Latches
August, 2005 ??Rev. 6
NLV14044B ONSEMI-NLV14044B Datasheet
143Kb / 7P
   CMOS MSI Quad R?뭆 Latches
April, 2013 ??Rev. 9
MC14043B ONSEMI-MC14043B Datasheet
192Kb / 8P
   CMOS MSI(Quad R-S Latches)
March, 2000 ??Rev. 3
logo
Renesas Technology Corp
CD4043BMS RENESAS-CD4043BMS Datasheet
395Kb / 10P
   CMOS Quad 3 State R/S Latches
December 1992
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
CD4043B TI1-CD4043B_15 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS Quad 3-State R/S Latches
logo
Motorola, Inc
MC14573 MOTOROLA-MC14573 Datasheet
487Kb / 9P
   CMOS MSI
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
   Quad. S-R Latches
logo
National Semiconductor ...
54LS279 NSC-54LS279 Datasheet
137Kb / 6P
   Quad S-R Latches
logo
Texas Instruments
54LS279 TI1-54LS279 Datasheet
387Kb / 8P
[Old version datasheet]   Quad S-R Latches
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com