Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14071BDG Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC14071BDG
Szczegółowy opis  B-Suffix Series CMOS Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14071BDG Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MC14071BDG Datasheet HTML 2Page - ON Semiconductor MC14071BDG Datasheet HTML 3Page - ON Semiconductor MC14071BDG Datasheet HTML 4Page - ON Semiconductor MC14071BDG Datasheet HTML 5Page - ON Semiconductor MC14071BDG Datasheet HTML 6Page - ON Semiconductor MC14071BDG Datasheet HTML 7Page - ON Semiconductor MC14071BDG Datasheet HTML 8Page - ON Semiconductor MC14071BDG Datasheet HTML 9Page - ON Semiconductor MC14071BDG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC14001B Series
http://onsemi.com
6
TYPICAL B−SERIES GATE CHARACTERISTICS
N−CHANNEL DRAIN CURRENT (SINK)
P−CHANNEL DRAIN CURRENT (SOURCE)
- 40
°C
+ 85
°C
+ 125
°C
Figure 2. VGS = 5.0 Vdc
Figure 3. VGS = − 5.0 Vdc
1.0
3.0
5.0
4.0
2.0
0
1.0
3.0
5.0
4.0
2.0
0
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
- 1.0
0
0
TA = - 55°C
Figure 4. VGS = 10 Vdc
Figure 5. VGS = − 10 Vdc
16
14
12
10
8.0
6.0
4.0
2.0
0
5.0
3.0
1.0
10
8.0
6.0
4.0
2.0
0
0
0
Figure 6. VGS = 15 Vdc
Figure 7. VGS = − 15 Vdc
0
0
0
0
- 40
°C
+ 25
°C
+ 85
°C
+ 125
°C
- 1.0
- 3.0
- 5.0
- 4.0
- 2.0
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
TA = - 55°C
+ 25
°C
TA = - 55°C
- 40
°C
+ 25
°C
+ 85
°C
+ 125
°C
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
TA = - 55°C
- 40
°C
+ 25
°C
+ 85
°C
+ 125
°C
18
20
9.0
7.0
- 5.0
- 3.0
- 1.0
- 10
- 8.0
- 6.0
- 4.0
- 2.0
- 9.0
- 7.0
- 40
- 35
- 30
- 25
- 20
- 15
- 10
- 5.0
- 45
- 50
10
6.0
2.0
20
16
12
8.0
4.0
18
14
TA = - 55°C
- 40
°C
+ 25
°C
+ 85
°C
- 10
- 6.0
- 2.0
- 20
- 16
- 12
- 8.0
- 4.0
- 18
- 14
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
- 90
- 100
40
35
30
25
20
15
10
5.0
45
50
TA = - 55°C
- 40
°C
+ 25
°C
+ 85
°C
- 2.0
- 3.0
- 4.0
- 5.0
- 6.0
- 7.0
- 8.0
- 9.0
- 10
+ 125
°C
+ 125
°C
These typical curves are not guarantees, but are design aids.
Caution: The maximum rating for output current is 10 mA per pin.


Podobny numer części - MC14071BDG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14071BDG ONSEMI-MC14071BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
More results

Podobny opis - MC14071BDG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
logo
Motorola, Inc
MC14001 MOTOROLA-MC14001 Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
logo
ON Semiconductor
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com