Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP708AQDBVTQ1 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TMP708AQDBVTQ1
Szczegółowy opis  Automotive, Resistor-Programmable Temperature Switch in SOT Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP708AQDBVTQ1 Arkusz danych(HTML) 1 Page - Texas Instruments

  TMP708AQDBVTQ1 Datasheet HTML 1Page - Texas Instruments TMP708AQDBVTQ1 Datasheet HTML 2Page - Texas Instruments TMP708AQDBVTQ1 Datasheet HTML 3Page - Texas Instruments TMP708AQDBVTQ1 Datasheet HTML 4Page - Texas Instruments TMP708AQDBVTQ1 Datasheet HTML 5Page - Texas Instruments TMP708AQDBVTQ1 Datasheet HTML 6Page - Texas Instruments TMP708AQDBVTQ1 Datasheet HTML 7Page - Texas Instruments TMP708AQDBVTQ1 Datasheet HTML 8Page - Texas Instruments TMP708AQDBVTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
150
TMP708
VCC
GND
HYST
SET
OT
Microprocessor
VCC
GND
RSET
470 k
2.7 V to 5.5 V
0.1 …F
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP708-Q1
SBOS828 – DECEMBER 2016
TMP708-Q1 Automotive, Resistor-Programmable Temperature Switch in SOT Package
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level 3A
Device CDM ESD Classification Level C6
Threshold Accuracy:
±0.5°C Typical
±3.5°C Maximum (60°C to 100°C)
Temperature Threshold Set By 1% External
Resistor
Low Quiescent Current: 40 μA, Typical
Open-Drain, Active-Low Output Stage
Pin-Selectable 10°C or 30°C Hysteresis
Reset Operation Specified at VCC = 0.8 V
Supply Range: 2.7 V to 5.5 V
Package: 5-Pin SOT-23
2 Applications
Computers (Laptops and Desktops)
Servers
Industrial and Medical Equipment
Storage Area Networks
Automotive
3 Description
The
TMP708-Q1
is
a
fully-integrated,
resistor-
programmable temperature switch with a temperature
threshold that is set by just one external resistor
within the entire operating range. The TMP708-Q1
provides an open-drain, active-low output and has a
2.7-V to 5.5-V supply voltage range.
The temperature threshold accuracy is typically
±0.5°C, with a maximum of ±3.5°C (60°C to 100°C).
The quiescent current consumption is typically 40 μA.
Hysteresis is pin-selectable to 10°C or 30°C.
The TMP708-Q1 is available in a 5-pin, SOT-23
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP708-Q1
SOT-23 (5)
2.90 mm x 1.60 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Typical Application


Podobny numer części - TMP708AQDBVTQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP708AIDBVR TI1-TMP708AIDBVR Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708AIDBVT TI1-TMP708AIDBVT Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
More results

Podobny opis - TMP708AQDBVTQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
[Old version datasheet]   Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
[Old version datasheet]   Resistor-Programmable Temperature Switch in SOT Package
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_03 Datasheet
199Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 2; 11/03
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
   Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
Global Mixed-mode Techn...
G708 GMT-G708 Datasheet
76Kb / 1P
   Resistor-Programmable SOT Temperature Switches
G709 GMT-G709 Datasheet
40Kb / 1P
   Resistor-Programmable SOT Temperature Switches
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509_V01 Datasheet
1Mb / 9P
   Resistor-Programmable SOT Temperature Switches
2021
logo
Global Mixed-mode Techn...
G705 GMT-G705 Datasheet
84Kb / 1P
   Resistor-Programmable SOT Temperature Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com