Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3128D2 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3128D2
Szczegółowy opis  2x30-W Class-D Amplifier With Low Idle Power Dissipation
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3128D2 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPA3128D2 Datasheet HTML 5Page - Texas Instruments TPA3128D2 Datasheet HTML 6Page - Texas Instruments TPA3128D2 Datasheet HTML 7Page - Texas Instruments TPA3128D2 Datasheet HTML 8Page - Texas Instruments TPA3128D2 Datasheet HTML 9Page - Texas Instruments TPA3128D2 Datasheet HTML 10Page - Texas Instruments TPA3128D2 Datasheet HTML 11Page - Texas Instruments TPA3128D2 Datasheet HTML 12Page - Texas Instruments TPA3128D2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Frequency (Hz)
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D020
Gain=26dB
PVCC=12VDC+200mVP-P
TA=25qC
RL=8:
Left Channel
Right Channel
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D021
Gain=26dB
PVcc=12V
TA=25qC
RL=2:
P O=1W
PO =5W
PO=10W
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D003
D018
Gain=26dB
PVCC=24V
TA=25qC
RL=8:
Right to Left
Left to Right
Frequency (Hz)
-140
-120
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D003
D019
Gain=26dB
PVCC=12V
TA=25qC
RL=4:
Right to Left
Left to Right
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
D016
Gain=26dB
TA=25qC
RL=8:
PVCC = 6V
PVCC = 12 V
PVCC = 24 V
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
D017
Gain=26dB
TA=25qC
RL=4:
PVCC = 6V
PVCC = 12 V
PVCC = 24 V
9
TPA3128D2
www.ti.com
SLOS941A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: TPA3128D2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
fs = 400 kHz, Ultra Low Idle Loss Mode, TPA3128D2EVM Tested With AP2722. (unless otherwise noted)
Figure 14. Power Efficiency (BTL) vs Output Power
Figure 15. Power Efficiency (BTL) vs Output Power
Figure 16. Crosstalk vs Frequency
Figure 17. Crosstalk vs Frequency
Figure 18. Supply Ripple Rejection Ratio (BTL) vs
Frequency
Figure 19. Total Harmonic Distortion + Noise (PBTL) vs
Frequency


Podobny numer części - TPA3128D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3128D2 TI1-TPA3128D2 Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
TPA3128D2DAP TI1-TPA3128D2DAP Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
TPA3128D2DAPR TI1-TPA3128D2DAPR Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
TPA3128D2 TI1-TPA3128D2_17 Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
More results

Podobny opis - TPA3128D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3128D2 TI1-TPA3128D2_17 Datasheet
2Mb / 38P
[Old version datasheet]   2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
[Old version datasheet]   70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
   2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
   2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TAS5805M TI1-TAS5805M_18 Datasheet
2Mb / 86P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805M TI1-TAS5805M Datasheet
1Mb / 88P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
[Old version datasheet]   50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
logo
NXP Semiconductors
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
   2X75 W class-D power amplifier
Rev. 01-7 September 2009
logo
Infineon Technologies A...
MA2304PNS INFINEON-MA2304PNS Datasheet
2Mb / 43P
   2x37 W, 10 to 20 V, Ultra‑Low Idle Power, MERUS Multilevel Switching Class‑D Audio Amplifier with Inductor‑Less Operation
INTV2.1.9 August, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com