Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3086F Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części CA3086F
Szczegółowy opis  General Purpose NPN Transistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3086F Arkusz danych(HTML) 5 Page - Intersil Corporation

  CA3086F Datasheet HTML 1Page - Intersil Corporation CA3086F Datasheet HTML 2Page - Intersil Corporation CA3086F Datasheet HTML 3Page - Intersil Corporation CA3086F Datasheet HTML 4Page - Intersil Corporation CA3086F Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5-31
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
FIGURE 9. yOE vs FREQUENCY
FIGURE 10. yRE vs FREQUENCY
FIGURE 11. fT vs IC
Typical Performance Curves (Continued)
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0
1
2
3
4
5
6
gOE
bOE
0.1
10
100
1
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
-2.0
-1.5
-1.0
-0.5
0
bRE
1
100
10
gRE IS SMALL AT FREQUENCIES
LESS THAN 500MHz
800
700
600
500
400
300
200
100
1000
900
0
1
2345
6
78
9
10
COLLECTOR CURRENT (mA)
VCE = 3V
TA = 25
oC
0
CA3086


Podobny numer części - CA3086F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3086F INTERSIL-CA3086F Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
August 2003
More results

Podobny opis - CA3086F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3086 INTERSIL-CA3086 Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
August 2003
CA3086 INTERSIL-CA3086 Datasheet
153Kb / 7P
   General Purpose NPN Transistor Array
CA3046 INTERSIL-CA3046 Datasheet
116Kb / 6P
   General Purpose NPN Transistor Array
logo
Renesas Technology Corp
CA-3083 RENESAS-CA-3083 Datasheet
297Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Intersil Corporation
CA3083 INTERSIL-CA3083 Datasheet
31Kb / 4P
   General Purpose High Current NPN Transistor Array
September 1998
CA3083 INTERSIL-CA3083_06 Datasheet
147Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Sanyo Semicon Device
LB1213M SANYO-LB1213M Datasheet
39Kb / 2P
   General-Purpose Transistor Array
logo
NTE Electronics
NTE929 NTE-NTE929 Datasheet
23Kb / 2P
   Integrated Circuit General Purpose, High Current, NPN Transistor Array
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com