Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5019MTC Arkusz danych(PDF) 9 Page - Fairchild Semiconductor

Numer części FAN5019MTC
Szczegółowy opis  6-Bit VID Controller 2-4 Phase VRM10.X Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5019MTC Arkusz danych(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5019MTC Datasheet HTML 5Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 6Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 7Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 8Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 9Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 10Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 11Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 12Page - Fairchild Semiconductor FAN5019MTC Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
PRODUCT SPECIFICATION
FAN5019
REV. 1.0.7 1/5/04
9
Typical Characteristics
Test Circuits
TPC 1. Master Clock Frequency
TPC 2. Supply Current vs. Master Clock Frequency
3.5
4
3
2.5
2
1.5
1
0.5
0
100
0
200
RESISTOR’S RT VALUE (k
Ω)
300
400
5.2
5.3
5.1
5.0
4.9
4.8
4.7
4.6
1.0
0
2.0
MASTER CLOCK FREQUENCY (MHz)
3.0
4.0
0.5
1.5
2.5
3.5
TA = 25°C
4-Phase Operation
VCC
28
18
19
17
16 CSREF
CSSUM
CSCOMP
GND
CSA
100nF
39k
1k
1V
+12V
40
CSCOMP–1V
VOS =
Test Circuit 1. Current Sense Amplifier VOS
VCC
28
18
19
17
16
CSREF
CSSUM
CSCOMP
GND
CSA
100nF
200k
1V
+12V
9
8
10k
FB
COMP
200k
80mV
VID
FB
V
FB
V
=
Test Circuit 2. Voltage Positioning
VID4
VID0
VID1
VID2
VID3
VID5
FAN5019
VCC
1VID4
8
11
10
9
12
14
13
6
5
4
7
3
2
28
21
18
19
20
17
15
16
23
24
25
22
26
27
RAMPADJ
RT
DELAY
EN
PWRGD
COMP
FB
FBRTN
VID5
VID0
VID1
VID2
VID3
ILIMIT
CSREF
CSSUM
CSCOMP
GND
SW4
SW3
SW2
SW1
PWM4
PWM3
PWM2
PWM1
250k
100nF
4.7nF
250k
20k
1
µF
100nF
+12V
1k
Test Circuit 3. Closed Loop Output Voltage Accuracy


Podobny numer części - FAN5019MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019BMTCX FAIRCHILD-FAN5019BMTCX Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results

Podobny opis - FAN5019MTC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN53168 FAIRCHILD-FAN53168 Datasheet
397Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
FAN53180 FAIRCHILD-FAN53180 Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
logo
Maxim Integrated Produc...
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
logo
Analog Devices
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com