Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2222A Arkusz danych(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Numer części 2N2222A
Szczegółowy opis  NPN Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Strona internetowa  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

2N2222A Arkusz danych(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  2N2222A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 2N2222A Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 2N2222A Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 12/08/2016
Rev:02
®
SEMTECH ELECTRONICS LTD.
2N2222 / 2N2222A
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 10 V, IC = 0.1 mA
at VCE = 10 V, IC = 1 mA
at VCE = 10 V, IC = 10 mA
at VCE = 10 V, IC = 150 mA
at VCE = 10 V, IC = 500 mA
2N2222
2N2222A
hFE
hFE
hFE
hFE
hFE
hFE
35
50
75
100
30
40
-
-
-
300
-
-
-
-
-
-
-
-
Collector Base Cutoff Current
at VCB = 50 V
at VCB = 60 V
2N2222
2N2222A
ICBO
-
-
10
10
nA
Collector Base Breakdown Voltage
at IC = 10 µA
2N2222
2N2222A
V(BR)CBO
60
75
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
2N2222
2N2222A
V(BR)CEO
30
40
-
-
V
Emitter Base Breakdown Voltage
at IE = 10 µA
2N2222
2N2222A
V(BR)EBO
5
6
-
-
V
Collector Emitter Saturation Voltage
at IC = 150 mA, IB = 15 mA
at IC = 500 mA, IB = 50 mA
2N2222
2N2222A
2N2222
2N2222A
VCE(sat)
-
-
-
-
0.4
0.3
1.6
1
V
Base Emitter Saturation Voltage
at IC = 150 mA, IB = 15 mA
at IC = 500 mA, IB = 50 mA
2N2222
2N2222A
2N2222
2N2222A
VBE(sat)
-
0.6
-
-
1.3
1.2
2.6
2
V
Gain Bandwidth Product
at IC = 20 mA, VCE = 20 V, f = 100 MHz
fT
250
-
MHz
Collector Output Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
8
pF


Podobny numer części - 2N2222A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
Foshan Blue Rocket Elec...
2N2222A FOSHAN-2N2222A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
List of Unclassifed Man...
2N2222A ETC2-2N2222A Datasheet
278Kb / 5P
   High Speed Switching Transistor
logo
Comset Semiconductor
2N2222A COMSET-2N2222A Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
73Kb / 8P
   HIGH SPEED SWITCHES
June 1999
More results

Podobny opis - 2N2222A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com