Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FP31QF-F Arkusz danych(PDF) 2 Page - WJ Communication. Inc.

Numer części FP31QF-F
Szczegółowy opis  2-Watt HFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WJCI [WJ Communication. Inc.]
Strona internetowa  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP31QF-F Arkusz danych(HTML) 2 Page - WJ Communication. Inc.

  FP31QF-F Datasheet HTML 1Page - WJ Communication. Inc. FP31QF-F Datasheet HTML 2Page - WJ Communication. Inc. FP31QF-F Datasheet HTML 3Page - WJ Communication. Inc. FP31QF-F Datasheet HTML 4Page - WJ Communication. Inc. FP31QF-F Datasheet HTML 5Page - WJ Communication. Inc. FP31QF-F Datasheet HTML 6Page - WJ Communication. Inc. FP31QF-F Datasheet HTML 7Page - WJ Communication. Inc. FP31QF-F Datasheet HTML 8Page - WJ Communication. Inc. FP31QF-F Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
November 2004
FP31QF
2-Watt HFET
Product Information
The Communications Edge
TM
Typical Device Data
S-Parameters (VDS = +9 V, IDS = 450 mA, T = 25°C, calibrated to device leads)
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
S21, Maximum Stable Gain vs. Frequency
0
10
20
30
DB(|S[2,1]|)
DB(MSG)
10.0
5.
0
3.
0
4.
0
-0
.2
-
0.
4
S11
Swp Max
6GHz
Swp Min
0.01GHz
10.0
5.
0
3
.0
4.
0
-0
.2
-
0.
4
S22
Swp Max
6GHz
Swp Min
0.01GHz
Note:
Measurements were made on the packaged device in a test fixture with 50 ohm input and output lines.
The S-parameters shown are the de-embedded data down to the device leads and represents typical performance of the device.
Freq (MHz)
S11 (mag)
S11 (ang)
S21 (mag)
S21 (ang)
S12 (mag)
S12 (ang)
S22 (mag)
S22 (ang)
50
0.985
-21.82
24.458
166.25
0.006
76.01
0.096
-110.34
250
0.936
-88.63
17.968
128.52
0.020
43.34
0.329
-135.13
500
0.913
-128.61
11.520
104.42
0.025
22.03
0.431
-151.01
750
0.899
-148.43
8.132
90.03
0.026
10.75
0.465
-158.3
1000
0.900
-160.54
6.225
79.35
0.026
4.56
0.490
-162.14
1250
0.900
-169.15
4.988
70.50
0.025
0.35
0.514
-163.92
1500
0.900
-176.01
4.125
62.56
0.025
-2.975
0.532
-166.86
1750
0.905
178.53
3.504
55.28
0.024
-4.91
0.560
-168.72
2000
0.909
172.99
3.046
47.93
0.023
-5.54
0.587
-170.95
2250
0.910
168.27
2.656
41.65
0.022
-4.44
0.606
-172.86
2500
0.914
164.14
2.349
34.95
0.021
-1.12
0.629
-175.13
2750
0.914
160.09
2.117
28.98
0.021
5.24
0.656
-177.13
3000
0.915
156.76
1.897
23.31
0.022
12.75
0.671
-179.41
3250
0.922
153.22
1.721
17.69
0.026
23.36
0.695
177.36
3500
0.926
149.22
1.563
11.97
0.034
32.54
0.720
175.05
3750
0.941
144.67
1.433
6.20
0.058
34.08
0.734
171.21
4000
0.943
140.45
1.318
0.98
0.102
23.74
0.768
165.82
Device S-parameters are available for download off of the website at: http://www.wj.com
Load-Pull Data at 1.96 and 2.14 GHz
(Vds = 8 V, Ids = 500 mA, 25°C, ZS = 50 Ω, calibrated to device pins)
Freq (GHz)
ZS (
Ω)
ZL (
Ω)
Gain (dB)
P1dB (dBm) OIP3 (dBm)
PAE (%)
1.96
5 + j0
8 - j2
18.5
+34
+48
49
2.14
5 - j2
8 - j3
18.0
+34
+48
50
10.0
5.
0
3.
0
4.
0
-0
.2
-
0.
4
P1dB
Swp Max
1.96GHz
Swp Min
1e-009GHz
1.96 GHz
r 8 Ohm
x -2 Ohm
33
32
31
30
29
28
27
10.0
5.
0
3.
0
4.
0
-0
.2
-
0.
4
Output IP3
Swp Max
1.96GHz
Swp Min
1e-009GHz
1.96 GHz
r 8 Ohm
x -2 Ohm
48
47
46
45
44
43
42
41
P1dB max (1.96 GHz) = +34 dBm at ZL = 8 - j2 Ω
OIP3 max (1.96 GHz) = +48 dBm at ZL = 8 - j2 Ω
1
2
3
4
5
6
1
2
3
4
5
6


Podobny numer części - FP31QF-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WJ Communication. Inc.
FP31QF-F WJCI-FP31QF-F Datasheet
473Kb / 12P
   2-Watt HFET
More results

Podobny opis - FP31QF-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WJ Communication. Inc.
FP31QF WJCI-FP31QF_06 Datasheet
473Kb / 12P
   2-Watt HFET
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
logo
List of Unclassifed Man...
SHF-0589 ETC-SHF-0589 Datasheet
195Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
SIRENZA MICRODEVICES
SHF-0589 SIRENZA-SHF-0589 Datasheet
192Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD_15 Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
   0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com