Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FP31QF-PCB900 Arkusz danych(PDF) 4 Page - WJ Communication. Inc.

Numer części FP31QF-PCB900
Szczegółowy opis  2-Watt HFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WJCI [WJ Communication. Inc.]
Strona internetowa  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP31QF-PCB900 Arkusz danych(HTML) 4 Page - WJ Communication. Inc.

  FP31QF-PCB900 Datasheet HTML 1Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 2Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 3Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 4Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 5Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 6Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 7Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 8Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
November 2004
FP31QF
2-Watt HFET
Product Information
The Communications Edge
TM
FP31QF-PCB900 Application Circuit Performance Plots
S11 vs. Frequency
-30
-25
-20
-15
-10
-5
0
860
880
900
920
940
960
Frequency (MHz)
-40c
+25c
+85c
S21 vs. Frequency
15
16
17
18
19
20
860
880
900
920
940
960
Frequency (MHz)
-40c
+25c
+85c
S22 vs. Frequency
-30
-25
-20
-15
-10
-5
0
860
880
900
920
940
960
Frequency (MHz)
-40c
+25c
+85c
P1dBvs. Frequency
26
28
30
32
34
36
860
880
900
920
940
960
Frequency (MHz)
-40c
+25c
+85c
Noise Figure vs. Frequency
0
1
2
3
4
5
6
860
880
900
920
940
960
Frequency (MHz)
-40c
+25c
+85c
ACPRvs. Channel Power
IS-95, 9 Ch. Forward, ±885 kHz offset, 30 kHz Meas BW
-70
-60
-50
-40
22
23
24
25
26
27
28
29
Output Channel Power (dBm)
-40 C
+25C
+85 C
freq =915MHz
OIP3 vs. Temperature
40
42
44
46
48
50
-40
-15
10
35
60
85
Temperature (°C)
freq = 915, 916 MHz
+18 dBm/ tone
IMDproducts vs. Output Power
fundamental frequency= 915 MHz, 916 MHz; Temp= +25° C
-100
-80
-60
-40
-20
4
8
12
16
20
24
28
Output Power (dBm)
IMD_Low
IMD_High
OIP3 vs. Output Power
fundamental frequency =915 MHz, 916 MHz; Temp = +25° C
30
35
40
45
50
4
8
12
16
20
24
28
Output Power (dBm)
Output Power / Gainvs. Input Power
frequency = 915 MHz, Temp= -40° C
10
12
14
16
18
20
-4
0
4
8
12
16
20
Input Power (dBm)
16
20
24
28
32
36
Output Power
Gain
Output Power / Gainvs. Input Power
frequency =915 MHz, Temp= +25° C
10
12
14
16
18
20
-4
0
4
8
12
16
20
Input Power (dBm)
16
20
24
28
32
36
Output Power
Gain
Output Power / Gainvs. Input Power
frequency = 915 MHz, Temp = +85° C
10
12
14
16
18
20
-4
0
4
8
12
16
20
Input Power (dBm)
16
20
24
28
32
36
Output Power
Gain


Podobny numer części - FP31QF-PCB900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WJ Communication. Inc.
FP31QF-PCB900 WJCI-FP31QF-PCB900 Datasheet
473Kb / 12P
   2-Watt HFET
More results

Podobny opis - FP31QF-PCB900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WJ Communication. Inc.
FP31QF WJCI-FP31QF_06 Datasheet
473Kb / 12P
   2-Watt HFET
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
logo
List of Unclassifed Man...
SHF-0589 ETC-SHF-0589 Datasheet
195Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
SIRENZA MICRODEVICES
SHF-0589 SIRENZA-SHF-0589 Datasheet
192Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD_15 Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
   0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com