Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADJD-J883 Arkusz danych(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ADJD-J883
Szczegółowy opis  Color Management Controller with Integrated RGB Photosensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADJD-J883 Arkusz danych(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ADJD-J883 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADJD-J883 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADJD-J883 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADJD-J883 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADJD-J883 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADJD-J883 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADJD-J883 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADJD-J883 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADJD-J883 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Pin Information
PIN
NAME
TYPE
DESCRIPTION
1
NC
No connect
No connect. Leave floating.
2
PWMB
Output
PWMB is the active-high blue pulse width modulation output pin.
Tie it to the blue LED driver channel.
3
PWMG
Output
PWMG is the active-high green pulse width modulation output pin.
Tie it to the green LED driver channel.
4
PWMR
Output
PWMR is the active-high red pulse width modulation output pin.
Tie it to the red LED driver channel.
5
DGND
Ground
Tie to digital ground.
6
DGND
Ground
Tie to digital ground.
7
DVDD
Power
Digital power pin.
8
AGND
Ground
Tie to analog ground.
9
CLKIO
Output
CLKIO outputs a reference internal clock signal.
10
XRST
Input
Global, asynchronous, active low system reset.
When asserted low, XRST resets all registers.
Minimum reset pulse low is 10us and must be provided by external
circuitry.
11
SCLSLV
Input
SDASLV and SCLSLV are the serial interface communications pins.
SDASLV is the bidirectional data pin and SCLSLV is the interface clock.
A pull-up resistor should be tied to SDASLV because it goes tri-state to
output logic 1.
12
SDASLV
Input/Output
(tri-state high)
13
SCLPROM
Output
An external serial I2C EEPROM can be connected to the device to store
calibration and configuration data. SDAPROM and SCLPROM should be
tied to the I2C data (SDA) and clock (SCL) pins of the EEPROM. A pull-up
resistor should be tied to SDAPROM because it goes tri-state to output
logic 1.
14
SDAPROM
Input/Output
(tri-state high)
15
SLEEP
Input
When SLEEP=1, the device goes into sleep mode. In sleep mode, all
analog circuits are powered down and the clock signal is gated away from
the core logic resulting in very low current consumption.
16
AGND
Ground
Tie to analog ground.
17
AGND
Ground
Tie to analog ground.
18
AGND
Ground
Tie to analog ground.
19
AVDD
Power
Analog power pin.
20
NC
No connect
No connect. Leave floating.


Podobny numer części - ADJD-J883

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-J823 AVAGO-ADJD-J823 Datasheet
326Kb / 18P
   Color Management Controller with Integrated RGB Photosensor
More results

Podobny opis - ADJD-J883

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-J823 AVAGO-ADJD-J823 Datasheet
326Kb / 18P
   Color Management Controller with Integrated RGB Photosensor
logo
Panasonic Semiconductor
CNZ1414A PANASONIC-CNZ1414A Datasheet
53Kb / 3P
   Integrated Photosensor
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
logo
Texas Instruments
BQ2954 TI-BQ2954 Datasheet
173Kb / 18P
[Old version datasheet]   Lithium Ion Charge Management IC with Integrated Switching Controller
logo
List of Unclassifed Man...
E3MC ETC-E3MC Datasheet
674Kb / 26P
   RGB Color Sensor
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
   RGB Color Sensor
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
   RGB Color Sensor
logo
TT Electronics.
OVSRRGBCC3TM TTELEC-OVSRRGBCC3TM Datasheet
1Mb / 7P
   Full-color RGB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com