Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-050L Arkusz danych(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-050L
Szczegółowy opis  Low power consumption
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-050L Arkusz danych(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-050L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Electrical Specifications (DC)
Over Recommended Temperature (TA = 0˚C to +70˚C), VCC = 3.3 V, IF = 16 mA, unless otherwise specified. See Note 13.
Parameter
Sym. Device
Min. Typ.
Max.
Units
Test Conditions
Fig. Note
Current Transfer
CTR
15
20
50
%
TA = 25˚C
VO = 0.4 V
IF = 16 mA,
2
5, 11
VCC = 3.3 V
Logic Low
VOL
0.05
0.3
V
TA = 25˚C
IO = 3.0 mA
IF = 16 mA,
VCC = 3.3 V
Logic High
IOH
0.003 1
µA
TA = 25˚C
VO = VCC = 3.3 V IF = 0 mA
4
Output Current
Logic Low
ICCL HCPL-050L
43.0
100
µA
IF = 16 mA, VO = Open, VCC = 3.3 V
13
Supply Current
HCPL-250L
HCPL-053L
90
300
HCPL-253L
Logic High
ICCH HCPL-050L
0.005 0.3
µA
TA = 25˚C
IF = 0 mA, VO = Open,
13
Supply Current
HCPL-250L
VCC = 3.3 V
HCPL-053L
0.01
10
HCPL-253L
Input Forward
VF
1.52
1.7
V
TA = 25˚C
IF = 16 mA
1
Voltage
Input Reverse
BVR
5
V
IR = 10 µA
Breakdown
Voltage
Input
CIN
60
pF
f = 1 MHz, VF = 0 V
Capacitance
Ratio
Output Voltage
Electrical Specifications (DC)
Over Recommended DC Temperature (TA = 0°C to +70°C, VCC = 5V, IF = 16mA) unless otherwise specified.(See note 13.)
Parameter
Sym. Device
Min. Typ.* Max. Units
Test Conditions
Fig.
Note
Current Transfer
Ratio
CTR
HCPL-050L
HCPL-250L
19
24
50
%
VO=0.4V
TA=25ºC,
VCC=4.5V,
IF = 16 mA
3
5,11
HCPL-053L
HCPL-253L
19
24
50
%
VO=0.5V
Logic Low
Output Voltage
VOL
HCPL-050L
HCPL-250L
0.1
0.4
V
IO = 3.0 mA
TA=25ºC,
IF = 16 mA,
VCC=4.5V
HCPL-053L
HCPL-253L
0.1
0.5
V
Logic High
Output Current
IOH
0
0.5
μA
VO = VCC = 5.5V
IF = 0 mA,
TA=25ºC
5
Logic Low
Supply Current
ICCL
HCPL-050L
HCPL-250L
50
200
μA
VCC = 7V
IF = 16 mA
V0 = Open
13
HCPL-053L
HCPL-253L
100
400
Logic High
Supply Current
ICCH
HCPL-050L
HCPL-250L
0.02
1
μA
TA=25ºC
IF = 0 mA
V0 = Open
VCC = 7V
13
HCPL-053L
HCPL-253L
0.05
4
Input Forward
Voltage
VF
1.5
1.7
V
TA = 25°C
IF = 16 mA
1
1.8
Input Reverse
Breakdown
Voltage
BVR
5
V
IR = 10 μA
Input
Capacitance
CIN
60
pF
f = 1 MHz, VF = 0
*All typical values at TA = 25°C


Podobny numer części - HCPL-050L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-050L HP-HCPL-050L Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-050L-000E AVAGO-HCPL-050L-000E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Agilent(Hewlett-Packard...
HCPL-050L-060 HP-HCPL-050L-060 Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-050L-500 HP-HCPL-050L-500 Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results

Podobny opis - HCPL-050L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com