Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMA36 Arkusz danych(PDF) 5 Page - TE Connectivity Ltd

Numer części KMA36
Szczegółowy opis  Contactless Absolute 360째 (180째) angle measurement
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KMA36 Arkusz danych(HTML) 5 Page - TE Connectivity Ltd

  KMA36 Datasheet HTML 1Page - TE Connectivity Ltd KMA36 Datasheet HTML 2Page - TE Connectivity Ltd KMA36 Datasheet HTML 3Page - TE Connectivity Ltd KMA36 Datasheet HTML 4Page - TE Connectivity Ltd KMA36 Datasheet HTML 5Page - TE Connectivity Ltd KMA36 Datasheet HTML 6Page - TE Connectivity Ltd KMA36 Datasheet HTML 7Page - TE Connectivity Ltd KMA36 Datasheet HTML 8Page - TE Connectivity Ltd KMA36 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
KMA36
Contactless Rotational and Linear Encoder
SENSOR SOLUTIONS /// KMA36 Rev 11
4/2016
Page 5
System parameters
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
fdata
Update rate1) 2)
24
720
Hz
tstart
Starting time MCU
5
ms
tstart
Starting time PWM output
20
ms
αrd
Resolution digital
H0=25 kA/m, I2C
mode 3)
13 5)
15
Bit
αra
Resolution analog
H0=25 kA/m, PWM
mode 3)
10
Bit
Δα
Accuracy 4)
H0=25 kA/m 3)
Top=25°C, I2C
mode,
Oversampling=32
±0.3
±1
°
ΔαH
Hysteresis error (Repeatability) 4)
H0=25 kA/m 3)
Top=25°C, I2C
mode,
Oversampling=32
±0.1
±0.25
°
Vbwn
Brown-out reset voltage
2.7
V
tbwn
Brown-out reset pulse width
2
µs
Hy
Applied magnetic field
PWR-Bit = 0
15
25
60
kA/m
RCOIL
Internal coil resistance
75
100
150
Ω
ICOIL
Internal coil current
H0=25 kA/m
15
20
40
mA
fPWM
PWM frequency
7.8
kHz
Table 4:
System parameters
1) Maximum is measured in speed mode with minimum oversampling. Minimum is measured with maximum oversampling.
2) When using the analog-output configuration then update rate is fixed at 88Hz
3) System parameters apply only for recommended measurement setup (please refer to the arrangement section)
4) Hysteresis and accuracy are depending nearly inversely proportional on the magnetic field strength.
The accuracy is defined as the max. angular difference between actual field angle and measured angle.
The hysteresis is defined as angular difference between left and right turn
5)
Using higher resolutions than 13 Bit may cause “missing bits” / increased linearity error.


Podobny numer części - KMA36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
KMA36 ETC2-KMA36 Datasheet
706Kb / 16P
   KMA36 universal magnetic encoder
logo
Humirel
KMA36 HUMIREL-KMA36 Datasheet
242Kb / 6P
   Digital Component Sensor (DCS) Development Tools
logo
TE Connectivity Ltd
KMA36R TEC-KMA36R Datasheet
196Kb / 4P
   Digital Magnetic Encoder Sensor
logo
Humirel
KMA36R HUMIREL-KMA36R Datasheet
144Kb / 3P
   Digital Magnetic Encoder Sensor
More results

Podobny opis - KMA36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
TPT300V TEC-TPT300V Datasheet
203Kb / 6P
   Contactless Temperature Measurement
TS105-10L5.5MM TEC-TS105-10L5.5MM Datasheet
153Kb / 5P
   For Contactless Temperature Measurement
logo
ams AG
AS5043 AMSCO-AS5043 Datasheet
626Kb / 26P
   PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
AS5046 AMSCO-AS5046 Datasheet
77Kb / 2P
   PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5046 AMSCO-AS5046_1 Datasheet
880Kb / 33P
   PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
logo
PHOENIX CONTACT
2701216 PHOENIX-2701216 Datasheet
74Kb / 4P
   Absolute and differential temperature measurement (configurable)
logo
Level One
FCS-3091 LVL1-FCS-3091 Datasheet
515Kb / 6P
   2-Megapixel (1600 x 1200) high-definition resolution Offers various 360째/180째 video modes for panoramic wide-angle surveillance
logo
Murata Manufacturing Co...
SCA10H MURATA-SCA10H Datasheet
501Kb / 15P
   Contactless measurement enables continuous monitoring without disturbing the patient
logo
ams AG
AS5171 AMSCO-AS5171 Datasheet
837Kb / 42P
   Accurate angle measurement
AS5170 AMSCO-AS5170 Datasheet
1Mb / 47P
   Accurate angle measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com