Zakładka z wyszukiwarką danych komponentów |
|
7-1393117-9 Arkusz danych(PDF) 2 Page - TE Connectivity Ltd |
|
7-1393117-9 Arkusz danych(HTML) 2 Page - TE Connectivity Ltd |
2 / 5 page General Purpose Relays Industrial Relays KUP Series Panel Plug-in Relay (Continued) 08-2011, Rev. 0811 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 Potter & Brumfield Other Data (continued) Category of environmental protection IEC 61810 RT0 - open relay; RTI - dust protected Terminal type Quick connects (QC), .187, .205 or .250; PCB-THT Terminal retention, push force QC .205 17 lbs for 3s QC .187, QC .250, PCB 25 lbs for 3s Weight 85g Packaging/unit tray/25 pcs., box/150pcs. Accessories For details see datasheet Sockets and Accessories, KUP Relays Product Code Description 27E893 DIN socket (use 20C318 clip) 27E121 Track mount socket (use 20C314 clips) 27E043 Chassis mount/solder eyelet socket (use 20C254 clip) 27E046 Chassis mount/PCB socket (use 20C254 clip) 27E067 Chassis mount/quick connect socket (use 20C254 clip) 27E396 Snap-in/quick connect socket (use 20C254 clip) Insulation Data Initial dielectric strength between open contacts 1200Vrms between contact and coil 2200Vrms between adjacent contacts 2200Vrms Initial insulation resistance between insulated elements 100MΩ, 500VDC Other Data Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content refer to the Product Compliance Support Center at www.te.com/customersupport/rohssupportcenter Ambient temperature DC coil Enclosed relays, 4 pole: -45ºC to 50ºC Enclosed relays, 1-3 pole: -45ºC to 70ºC Open relays: 15ºC higher maximum AC coil Enclosed relays, 3 and 4 pole: -45°C to +45°C Enclosed relays, 1 and 2 pole: -45ºC to +55ºC Open relays: 15°C higher maximum Maximum allowable ambient temperature vs voltage (KUP enlcosed) Dimensions KU bracket type 2.43 MAX.* (61.72) 2.33 MAX.** (59.18) 2.29 MAX.*** (58.17) 1.437 (36.50) .19 (4.8) .63 (16.0) (2) #6-32 THREAD TAPPED HOLES 2.27 MAX.* (57.7) 2.171 MAX.** (55.14) 2.125 MAX.*** (53.98) .16 (4.1) .63 (16.0) X X X KU stud type 2.27 MAX.* (57.7) 2.171 MAX.** (55.14) 2.125 MAX.*** (53.98) 1.391 (35.33) .065 (1.65) 1.39 MAX.* (35.3) 1.29 MAX.** (32.8) 1.25 MAX.*** (31.8) .437 (11.10) .218 (5.54) 1.282 MAX. (35.56) 1.468 MAX. (37.29) 1 2 3 4 5 6 7 8 9 A B .150 TAB WIDTH (3.81) .31 (7.9) .109 MAX. (2.77) #6-32 THREAD 1.687 MAX. (42.85) .031 REF. (.79) .031 REF. (.79) Seated Heights For KU (open) Relays 1.391” (35.33mm) for #6-32 stud with .218” (5.54mm) locating tab. 1.52” (38.6mm) for bracket with 2-#6 32 tapped holes. 1.282” (32.56mm) for #6-32 tapped core with .125” (3.18mm) or .218” (5.54mm) locating tab. 2.046” (51.97mm) for relay with printed circuit terminals. STUD TYPE also available with .125” (3.18mm) tab, as well as without stud and locating tab. Models without stud have core tapped #6-32 THREAD, .25” (6.4mm) minimum depth. *Dimensions with .250” (6.35mm) terminals. ** Dimensions with .110” (2.79mm) or .205” (5.21mm) terminals. *** Dimensions with .187” (4.75mm) terminals. Relay front diagrams 1.406 MAX. (35.71) 1.531 MAX. (38.89) 1 2 3 4 5 6 7 8 9 A B 1 2 3 4 5 6 7 9 A B 1.406 MAX. (35.71) 1.531 MAX. (38.89) Models with 6.35mm 1-3 pole models with 4 pole models (.250) QC terminals all other terminals 1 2 3 4 A B 5 6 7 8 9 10 11 12 1.406 MAX. (35.71) 1.531 MAX. (38.89) 1 2 3 4 70° 60° 50° 40° 30° 20° 100 110 120 130 140 150 160 % of Nominal Voltage DC 1.8 Wa tt DC Coi l 1.2 Wa tt D C C oil 75° 70° 60° 50° 40° 30° 20° 100 110 120 130 140 % Of Nominal 60 Hz. Voltage 75° |
Podobny numer części - 7-1393117-9 |
|
Podobny opis - 7-1393117-9 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |