Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-073A Arkusz danych(PDF) 1 Page - Agilent(Hewlett-Packard)

Numer części HCPL-073A
Szczegółowy opis  Very Low Power Consumption High Gain Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-073A Arkusz danych(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-073A Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-073A Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-073A Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-073A Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-073A Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-073A Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-073A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-073A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-073A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
NC
ANODE
CATHODE
NC
VCC
VB
VO
GND
HCPL-4701/070A
VO2
VO1
VCC
GND
ANODE 1
CATHODE 1
CATHODE 2
ANODE 2
7
5
6
8
2
3
4
1
TRUTH TABLE
LED
ON
OFF
VO
LOW
HIGH
7
5
6
8
2
3
4
1
HCPL-4731/073A
Very Low Power Consumption
High Gain Optocouplers
Technical Data
Applications
• Battery Operated
Applications
• ISDN Telephone Interface
• Ground Isolation between
Logic Families – TTL,
LSTTL, CMOS, HCMOS,
HL-CMOS, LV-HCMOS
• Low Input Current Line
Receiver
Features
• Ultra Low Input Current
Capability - 40
µA
• Specified for 3 V Operation
Typical Power Consumption:
<1 mW
Input Power: <50
µW
Output Power: <500
µW
• Will Operate with VCC as
Low as 1.6 V
• High Current Transfer
Ratio – 3500% at IF = 40 µA
• TTL and CMOS Compatible
Output
• Specified AC and DC
Performance over
Temperature: 0
°C to 70°C
• Safety Approval
UL Recognized - 2500 V rms
for 1 Minute and
5000 V rms* for 1 minute per
UL1577
CSA Approved
VDE 0884 Approved with
VIORM = 630 V peak
(Option 060) for HCPL-4701
• 8-Pin Product Compatible
with 6N138/6N139 and
HCPL-2730/HCPL-2731
• Available in 8-Pin DIP and
SOIC-8 Footprint
• Through Hole and Surface
Mount Assembly Available
• EIA RS-232C Line Receiver
• Telephone Ring Detector
• AC Line Voltage Status
Indicator - Low Input Power
Dissipation
• Low Power Systems –
Ground Isolation
• Portable System I/O
Interface
HCPL-4701
HCPL-4731
HCPL-070A
HCPL-073A
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Functional Diagram
*5000 V rms/1 Minute rating is for Option 020 (HCPL-4701 and HCPL-4731) products only.
A 0.1
µF bypass capacitor connected between pins 8 and 5 is recommended.


Podobny numer części - HCPL-073A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-073A AVAGO-HCPL-073A Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-073A AVAGO-HCPL-073A Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
More results

Podobny opis - HCPL-073A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-4701-500E AVAGO-HCPL-4701-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com