Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA4867J Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA4867J
Szczegółowy opis  Full bridge current driven vertical deflection booster
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4867J Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA4867J Datasheet HTML 1Page - NXP Semiconductors TDA4867J Datasheet HTML 2Page - NXP Semiconductors TDA4867J Datasheet HTML 3Page - NXP Semiconductors TDA4867J Datasheet HTML 4Page - NXP Semiconductors TDA4867J Datasheet HTML 5Page - NXP Semiconductors TDA4867J Datasheet HTML 6Page - NXP Semiconductors TDA4867J Datasheet HTML 7Page - NXP Semiconductors TDA4867J Datasheet HTML 8Page - NXP Semiconductors TDA4867J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2003 Feb 05
2
Philips Semiconductors
Preliminary specification
Full bridge current driven vertical
deflection booster
TDA4867J
FEATURES
• Fully integrated, few external components
• Maximum 2.5 A (p-p) deflection current
• No additional components in combination with the
deflection controller family TDA485x and SAA4856
• Pre-amplifier with differential high CMRR current mode
inputs
• Low offsets
• High linear sawtooth signal amplification
• High efficient DC-coupled vertical output bridge circuit
• High deflection frequency up to 200 Hz
• Power supply and flyback supply voltage independent
adjustable to optimize power consumption and flyback
time
• Excellent transition behaviour during flyback
• Guard circuit for screen protection
• Power save mode controlled by input pins
(in combination with SAA4856 only) or guard pin.
GENERAL DESCRIPTION
The TDA4867J is a power booster for use in colour vertical
deflection systems for frame frequencies of 50 to 200 Hz.
The circuit provides a high CMRR current driven
differential input. Due to the bridge configuration of the two
output stages DC-coupling of the deflection coil is
achieved. In conjunction with the deflection controller
family TDA485x and SAA4856 the ICs offer an extremely
advanced system solution.
QUICK REFERENCE DATA
Notes
1. Voltages refer to pin GND.
2. If VFB is between 40 and 60 V a decoupling capacitor CFB =22 µF (between pin VFB and pin GND) and a resistor
RFB = 100 Ω (between pin VFB and flyback supply voltage) are required (see Fig.6).
3. Differential input current Ii(dif) =IINP − IINN.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC supplies; note 1
VP
supply voltage
8.2
25
V
VFB
flyback supply voltage
note 2
VP +6
60
V
Iq(VFB)
quiescent flyback current
no load; no signal
2.5
4
mA
Vertical circuit
Idefl(p-p)
deflection current on pins OUTB
and OUTA (peak-to-peak value)
0.6
2.5
A
Ii(dif)
differential input current
note 3
−±500
±600
µA
Flyback generator
IFB(p-p)
maximum current during flyback on
pin VFB (peak-to-peak value)
−−
2.5
A
Guard circuit; note 1
VGUARD
guard voltage
guard on
5.5
6.2
V


Podobny numer części - TDA4867J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA4860 PHILIPS-TDA4860 Datasheet
93Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Oct 27
TDA4861 PHILIPS-TDA4861 Datasheet
111Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Jan 20
logo
Siemens Semiconductor G...
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Siemens Semiconductor G...
TDA4862G SIEMENS-TDA4862G Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
More results

Podobny opis - TDA4867J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA4866 PHILIPS-TDA4866 Datasheet
86Kb / 16P
   Full bridge current driven vertical deflection booster
1999 Jun 14
TDA4866 PHILIPS-TDA4866_V01 Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
logo
NTE Electronics
NTE7147 NTE-NTE7147 Datasheet
33Kb / 4P
   Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster
logo
NXP Semiconductors
TDA8354Q PHILIPS-TDA8354Q Datasheet
120Kb / 16P
   Full bridge current driven vertical deflection output circuit in LVDMOS
1998 Sep 03
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4863J PHILIPS-TDA4863J Datasheet
105Kb / 20P
   Vertical deflection booster
2000 Aug 17
logo
STMicroelectronics
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
   VERTICAL DEFLECTION BOOSTER
STV9379A STMICROELECTRONICS-STV9379A_03 Datasheet
159Kb / 6P
   VERTICAL DEFLECTION BOOSTER
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4864J PHILIPS-TDA4864J Datasheet
79Kb / 16P
   Vertical deflection booster
2003 Oct 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com