Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA12 Arkusz danych(PDF) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

Numer części SA12
Szczegółowy opis  Uni-directional Versions Available
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Strona internetowa  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SA12 Arkusz danych(HTML) 1 Page - Shanghai Semitech Semiconductor Co., Ltd

  SA12 Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SA12 Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SA12 Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SA12 Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SA12 Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd SA12 Datasheet HTML 6Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SHANGHAI SEMITECH SEMICONDUCTOR CO., LTD
SA5.0A---SA440CA
GLASS PASSIVATED JUNCTION TRANSIENT
VOLTAGE SUPPRESSOR
Features
Glass Passivated Die Construction
500W Peak Pulse Power Dissipation
Uni-directional Versions Available
Excellent Clamping Capability
DO-15
Fast Response Time < 1 ns
Applications
Communication Systems
Power Supplies
Medical Equipment
Business Machines
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Peak Power Dissipation (Note 1.) @TL = 25°C, Pulse Width = 1 ms
PPK
500
W
Forward Surge Current (Note 2.) @TA = 25°C
IFSM
70
A
Power Dissipation, @TL = 75°C Lead lengths 0.375”(9.5mm)
PM(AV)
3.0
W
Storage Temperature Range
TSTG
-55 to 150
°C
Operating Junction Temperature Range
TJ
-55 to 150
°C
DIMENSIONS
Millimeters
Inches
REF.
Min.
Max.
Min.
Max.
A
25.4
31
1.000
1.220
b
5.84
7.62
0.230
0.300
c
0.71
0.86
0.028
0.034
D
2.64
3.56
0.104
0.140
1.
10 X 1000 us, non–repetitive
2.
1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum
3.
Mounted on minimum recommended pad layout
4.
A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which
should be equal to or greater than the DC or continuous peak operating voltage level.
5.
VBR measured at pulse test current IT at an ambient temperature of 25°C.
6.
Surge current waveform per Figure 1 and derate per Figure 3.
WWW.SEMITECH.CN


Podobny numer części - SA12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SA12 PANJIT-SA12 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
List of Unclassifed Man...
SA12 ETC2-SA12 Datasheet
331Kb / 4P
   Transient Voltage Suppressor
logo
Pan Jit International I...
SA12 PANJIT-SA12 Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
SA12 CHENG-YI-SA12 Datasheet
129Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA12 WTE-SA12 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Podobny opis - SA12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Semitech Semic...
3KP5.0A SEMITECH-3KP5.0A Datasheet
270Kb / 5P
   Uni-directional Versions Available
logo
American Electronic Com...
DG56A AEC-DG56A Datasheet
390Kb / 3P
   PCB versions available
logo
TE Connectivity Ltd
EV200P TEC-EV200P Datasheet
227Kb / 2P
   RoHS versions available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
logo
IK Semicon Co., Ltd
ILX75176 IKSEMICON-ILX75176 Datasheet
474Kb / 8P
   Half-Duplex Versions Available
logo
JFW Industries, Inc.
50FHLB-XXX-100 JFW-50FHLB-XXX-100 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
50HF-XXX-100-6 JFW-50HF-XXX-100-6 Datasheet
28Kb / 1P
   FIXED ATTENUATOR UNI-DIRECTIONAL
50FHIQ-XXX-1000 JFW-50FHIQ-XXX-1000 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
logo
SeCoS Halbleitertechnol...
SD36 SECOS-SD36_17 Datasheet
300Kb / 2P
   TVS Protection (Uni-Directional)
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
   UNI-DIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com