Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6VM4 Arkusz danych(PDF) 4 Page - TE Connectivity Ltd

Numer części 6VM4
Szczegółowy opis  Slim Power Entry Module Family with Multiple Options
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

6VM4 Arkusz danych(HTML) 4 Page - TE Connectivity Ltd

  6VM4 Datasheet HTML 1Page - TE Connectivity Ltd 6VM4 Datasheet HTML 2Page - TE Connectivity Ltd 6VM4 Datasheet HTML 3Page - TE Connectivity Ltd 6VM4 Datasheet HTML 4Page - TE Connectivity Ltd 6VM4 Datasheet HTML 5Page - TE Connectivity Ltd 6VM4 Datasheet HTML 6Page - TE Connectivity Ltd 6VM4 Datasheet HTML 7Page - TE Connectivity Ltd 6VM4 Datasheet HTML 8Page - TE Connectivity Ltd 6VM4 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
186
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
M Series
Slim Power Entry Module Family with Multiple Options (continued)
Electrical Schematics
K
L
G
Neutral
Hot
Power On/Off
Note 3
Note 2
Customer
Transformer Primaries
L
K
120V
VM1
B
D
E
F
A
C
D
E
F
HB
J
G
Neutral
Hot
Power On/Off
Note 3
Note 2
Note 1
Note 1
Note 4
120V
240V
Customer
Transformer Primaries
L
K
C
F
A
120V
120V
120V
120V
VM2
A
C
D
E
F
A
C
D
E
F
HB
J
G
Neutral
Hot
Power On/Off
Note 3
Note 2
Note 1
Note 1
120V
100V
230V
240V
Customer
Transformer Primaries
L
K
20V
100V
120V
VM4










Neutral
Phase
Power On/Off
Note 2
Note 3
Note 1
HB
J
F
G
FM1 & HM1
Customer
Transformer Primaries
Neutral
Phase
Power On/Off
Note 4
Note 4
Note 3
Note 2
Note 1
120V
100V
230V
240V
A
C
D
E
F
A
C
D
E
F
H
B
J
G
K
L
20V
100V
120V
FM4 & HM4
Neutral
Phase
Power On/Off
Note 2
Note 1
HB
JF
G
XM1 & ZM1
Neutral
Phase
Power On/Off
Note 1
Note 2
Note 4
Note 4
120V
100V
230V
240V
A
C
D
E
F
A
C
D
E
F
H
B
J
G
20V
100V
120V
K
L
Customer
Transformer Primaries
XM4 & ZM4







 
 
Non-Filtered Models
Filtered Models


Podobny numer części - 6VM4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
6VM4 MACOM-6VM4 Datasheet
308Kb / 8P
   Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
6VM4 MACOM-6VM4 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
6VM4C MACOM-6VM4C Datasheet
308Kb / 8P
   Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
6VM4C MACOM-6VM4C Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
6VM4S MACOM-6VM4S Datasheet
308Kb / 8P
   Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
More results

Podobny opis - 6VM4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
6VM1 MACOM-6VM1_11 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
Silicon Laboratories
SI53340-45 SILABS-SI53340-45 Datasheet
947Kb / 38P
   Multiple configuration options
logo
Delta Electronics, Inc.
PJT-40W DELTA-PJT-40W Datasheet
480Kb / 9P
   Multiple connector source options
logo
Maxim Integrated Produc...
MAX20310EV MAXIM-MAX20310EV Datasheet
589Kb / 7P
   Multiple Inductor Options Included
Rev 0; 1/17
logo
TE Connectivity Ltd
1CHE1 TEC-1CHE1 Datasheet
420Kb / 4P
   Power Entry Module with Switch
logo
Tyco Electronics
1CHE1 MACOM-1CHE1_11 Datasheet
420Kb / 4P
   Power Entry Module with Switch
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
Maxim Integrated Produc...
MAX13053AESHLD MAXIM-MAX13053AESHLD Datasheet
882Kb / 9P
   Family Provides Flexible Design Options
Rev 0; 7/18
logo
Silicon Laboratories
AN663 SILABS-AN663 Datasheet
84Kb / 12P
   PRECISION32??MCU FAMILY CLOCKING OPTIONS
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
   Power Entry Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com