Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X.FL-LP-IN.OUT1 Arkusz danych(PDF) 6 Page - Hirose Electric

Numer części X.FL-LP-IN.OUT1
Szczegółowy opis  Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HIROSE [Hirose Electric]
Strona internetowa  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

X.FL-LP-IN.OUT1 Arkusz danych(HTML) 6 Page - Hirose Electric

  X.FL-LP-IN.OUT1 Datasheet HTML 1Page - Hirose Electric X.FL-LP-IN.OUT1 Datasheet HTML 2Page - Hirose Electric X.FL-LP-IN.OUT1 Datasheet HTML 3Page - Hirose Electric X.FL-LP-IN.OUT1 Datasheet HTML 4Page - Hirose Electric X.FL-LP-IN.OUT1 Datasheet HTML 5Page - Hirose Electric X.FL-LP-IN.OUT1 Datasheet HTML 6Page - Hirose Electric X.FL-LP-IN.OUT1 Datasheet HTML 7Page - Hirose Electric X.FL-LP-IN.OUT1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
X.FL SeriesLow-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
BUsage Precautions
1. Plugs
(1) Mating / un-mating
1.To un-mate a connector, use the unmating side of the plug mating and unmating tool
X.FL-LP-IN.OUT1 as shown in the following figure.
[How to un-mate a plug]
Insert the tool
from the direction
of the cable so that
it can hold the cable.
Tilt the tool to
pull the cable
side up.
Un-mating is completed.
Never un-mate the plug by pulling the cable. It may cause a failure of the connector.
2. To mate a connector, use the mating side of the plug mating and unmating tool X.FL-LP-
IN.OUT1 or the plug mating tool W.FL-LP-IN. Align the mating axes between both of the
connectors and check that the shell is properly aligned. The connector should be inserted
perpendicularly as much as possible. (See the following figure)
Do not attempt to insert the connector at an extreme angle. It may cause the connector to fail.
X.FL Plug Connector
X.FL-R-SMT-1 (Receptacle)
(2) Allowable load to a
cable that is mated
After the connector is mated, do not apply a load to the cable in excess of the values
indicated in the figure below.
X.FL-R-SMT-1
2 N or less (X.FL-LP-040.X.FL-LP(P)-068)
1 N or less (X.FL-LP-032)
(while wiring after mating)
When the cable is routed in such a direction that lifts the cable, it is recommended that
cushioning should be placed on the plug to prevent the connector from unmating (see the
example below).
Cushioning
(3) Precautions
Do not mate or unmate a connector with an excessive prying force. It may cause a failure of
the connector.


Podobny numer części - X.FL-LP-IN.OUT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
X.FL-LP-IN.OUT1 HIROSE-X.FL-LP-IN.OUT1 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results

Podobny opis - X.FL-LP-IN.OUT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
N.FL HIROSE-N.FL Datasheet
265Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
   0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
logo
Hirose Electric
MRF03 HIROSE-MRF03 Datasheet
264Kb / 5P
   SMT Low-Profile Coaxial Multiple Contact Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com