Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N-P-5DV(40) Arkusz danych(PDF) 3 Page - Hirose Electric

Numer części N-P-5DV(40)
Szczegółowy opis  50 ohms wide varieties standard connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HIROSE [Hirose Electric]
Strona internetowa  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

N-P-5DV(40) Arkusz danych(HTML) 3 Page - Hirose Electric

  N-P-5DV(40) Datasheet HTML 1Page - Hirose Electric N-P-5DV(40) Datasheet HTML 2Page - Hirose Electric N-P-5DV(40) Datasheet HTML 3Page - Hirose Electric N-P-5DV(40) Datasheet HTML 4Page - Hirose Electric N-P-5DV(40) Datasheet HTML 5Page - Hirose Electric N-P-5DV(40) Datasheet HTML 6Page - Hirose Electric N-P-5DV(40) Datasheet HTML 7Page - Hirose Electric N-P-5DV(40) Datasheet HTML 8Page - Hirose Electric N-P-5DV(40) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
N Series
N type Coaxial Connectors
1
Packaging
1
Packaging
1
Packaging
■Straight Plug
●Flexible cable type
L
Part No.
Applicable cable
UG-21D/U(40)
JUG-536/U(40)
N-P-3DV(40)
N-P-5DV(40)
N-P-5DW(40)
N-P-5DFB(40)
N-P-10DFB(40)
RG-8/U,RG-9/U
RG-58/U
3D-2V
5D-2V
5D-2W
5D-FB
10D-FB
ØD
11.1
5.4
6.3
8.6
9.3
8.6
14.5
Ød
19.0
19.0
12.7
18.0
18.0
18.0
23.0
L
38.0
38.0
35.0
45.5
46.0
46.0
55.0
HRS No.
301-0003-0 40
301-0001-4 40
301-0078-9 40
301-0120-3 40
301-0199-3 40
301-0205-4 40
301-0206-7 40
34
ØD
Ød
●Semi rigid cable type
■Right angle plug
●Flexible cable type
L
Part No.
Applicable cable
N-P-141(40)
N-P-141-2(A)(40)
N-P-250(A)(41)
UT-141A
UT-141A
UT-250
ØD
3.63
3.63
6.5
Ød
13
5
14
L
27.3
25.7
34.9
HRS No.
301-0162-3 40
301-0262-8 40
301-0261-5 41
Part No.
Applicable cable
N-LP-5DW(40)
N-LP-58U(40)
5D-2W
RG-58/U
ØD
9.3
5.3
Ød
17.5
15.5
L
52.4
44.0
Remarks
Nickel-plated ecxept for center conductor
--------------
HRS No.
301-0007-0 40
301-0076-3 40
Unit : mm
Unit : mm
Unit : mm


Podobny numer części - N-P-5DV(40)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DDK Ltd.
N-P-5DFB-1-CF DDK-N-P-5DFB-1-CF Datasheet
321Kb / 12P
   N Style Coaxial Connector
More results

Podobny opis - N-P-5DV(40)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BTA100 ETC-BTA100 Datasheet
525Kb / 5P
   Specially Varieties 4Q-Triacs
logo
JFW Industries, Inc.
115-007 JFW-115-007_18 Datasheet
170Kb / 1P
   50 Ohms nominal
115-456 JFW-115-456 Datasheet
182Kb / 1P
   50 Ohms Nominal
115-460 JFW-115-460 Datasheet
180Kb / 1P
   50 Ohms Nominal
115-587 JFW-115-587 Datasheet
178Kb / 1P
   50 Ohms Nominal
115-004 JFW-115-004_18 Datasheet
159Kb / 1P
   50 Ohms nominal
115-006 JFW-115-006_18 Datasheet
169Kb / 1P
   50 Ohms nominal
115-008 JFW-115-008_18 Datasheet
173Kb / 1P
   50 Ohms nominal
115-764 JFW-115-764 Datasheet
191Kb / 1P
   50 Ohms Nominal
115-002 JFW-115-002_18 Datasheet
159Kb / 1P
   50 Ohms nominal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com