Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N-P-141(40) Arkusz danych(PDF) 7 Page - Hirose Electric

Numer części N-P-141(40)
Szczegółowy opis  50 ohms wide varieties standard connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HIROSE [Hirose Electric]
Strona internetowa  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

N-P-141(40) Arkusz danych(HTML) 7 Page - Hirose Electric

Back Button N-P-141(40) Datasheet HTML 3Page - Hirose Electric N-P-141(40) Datasheet HTML 4Page - Hirose Electric N-P-141(40) Datasheet HTML 5Page - Hirose Electric N-P-141(40) Datasheet HTML 6Page - Hirose Electric N-P-141(40) Datasheet HTML 7Page - Hirose Electric N-P-141(40) Datasheet HTML 8Page - Hirose Electric N-P-141(40) Datasheet HTML 9Page - Hirose Electric N-P-141(40) Datasheet HTML 10Page - Hirose Electric N-P-141(40) Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
N Series
N type Coaxial Connectors
HRS No.
1
57
5/8-24UNEF-2B
Ø3.66
Ø3.2
Ø19.1
1
MX-913/U(40)
Plug
Jack
Jack
Jack
Plug
Jack
Plug
Plug
Jack
Plug
NP-BNCP(40)
JUG-201A/U(40)
NP-MJ(40)
N.P-S.J(40)
HRM-555S(40)
HRM-554S(40)
UG-349/U(40)
NJ-BNCJ(40)
NJ-BNCJ-PA(40)
NJ-MP(40)
NJ-MJ(40)
N.J-TNC.P(40)
HRM-553S
HRM-557SV
HRM-552S
HRM-556SV
311-0050-7 40
311-0007-8 40
311-0019-7 40
311-0245-6 40
311-0125-4 40
311-0123-9 40
311-0004-0 40
311-0005-2 40
311-0014-3 40
311-0018-4 40
311-0011-5 40
311-0225-9 40
311-0121-3
311-0272-9
311-0119-1
311-0298-2
Jack
Plug
Jack
44.4
5/8-24UNEF-2A
44.4
5/8-24UNEF-2B
Ø20.8
●T-shaped adapter
(Jack-jack-jack type)
Part No.
HRS No.
301-0020-9 40
(Jack-plug-jack)
■Conversion adapters
■Cap
With a chain
Mating portion 1
Series name
Mating portion
Series name
Mating portion
Mating portion 2
Part No.
HRS No.
Packaging
N
Plug
M
S
SMA
(HRM)
BNC
M
TNC
SMA
(HRM)
BNC
Jack
Packaging
UG-107B/U(40)
1
Packaging
301-0016-1 40
Part No.
Part No.
1
Packaging
301-0017-4 40
HRS No.
UG-28A/U(40)


Podobny numer części - N-P-141(40)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
N-P-141 HIROSE-N-P-141 Datasheet
306Kb / 6P
   RFCO-AXIAL CONNECTORS
More results

Podobny opis - N-P-141(40)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BTA100 ETC-BTA100 Datasheet
525Kb / 5P
   Specially Varieties 4Q-Triacs
logo
JFW Industries, Inc.
115-007 JFW-115-007_18 Datasheet
170Kb / 1P
   50 Ohms nominal
115-456 JFW-115-456 Datasheet
182Kb / 1P
   50 Ohms Nominal
115-460 JFW-115-460 Datasheet
180Kb / 1P
   50 Ohms Nominal
115-587 JFW-115-587 Datasheet
178Kb / 1P
   50 Ohms Nominal
115-004 JFW-115-004_18 Datasheet
159Kb / 1P
   50 Ohms nominal
115-006 JFW-115-006_18 Datasheet
169Kb / 1P
   50 Ohms nominal
115-008 JFW-115-008_18 Datasheet
173Kb / 1P
   50 Ohms nominal
115-764 JFW-115-764 Datasheet
191Kb / 1P
   50 Ohms Nominal
115-002 JFW-115-002_18 Datasheet
159Kb / 1P
   50 Ohms nominal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com