Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ20CA Arkusz danych(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

Numer części SMAJ20CA
Szczegółowy opis  Low profile package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Strona internetowa  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

SMAJ20CA Arkusz danych(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

  SMAJ20CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ20CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ20CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ20CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd SMAJ20CA Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMAJ Series
Rev. 2.0, 24-Nov.-16
WWW.SEMITECH.CN
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMAJ78A
SMAJ78CA
RT
WT
78.0
86.70
95.80
1
126.0
3.2
1
SMAJ85A
SMAJ85CA
RV
WV
85.0
94.40
104.00
1
137.0
2.9
1
SMAJ90A
SMAJ90CA
RX
WX
90.0
100.00
111.00
1
146.0
2.7
1
SMAJ100A SMAJ100CA
RZ
WZ
100.0
111.00
123.00
1
162.0
2.5
1
SMAJ110A SMAJ110CA
SE
XE
110.0
122.00
135.00
1
177.0
2.3
1
SMAJ120A SMAJ120CA
SG
XG
120.0
133.00
147.00
1
193.0
2.1
1
SMAJ130A SMAJ130CA
SK
XK
130.0
144.00
159.00
1
209.0
1.9
1
SMAJ150A SMAJ150CA
SM
XM
150.0
167.00
185.00
1
243.0
1.6
1
SMAJ160A SMAJ160CA
SP
XP
160.0
178.00
197.00
1
259.0
1.5
1
SMAJ170A SMAJ170CA
SR
XR
170.0
189.00
209.00
1
275.0
1.5
1
SMAJ180A SMAJ180CA
ST
XT
180.0
201.00
222.00
1
292.0
1.4
1
SMAJ190A SMAJ190CA
SV
XV
190.0
211.00
233.00
1
308.0
1.3
1
SMAJ200A SMAJ200CA
SX
XX
200.0
224.00
247.00
1
324.0
1.2
1
SMAJ210A SMAJ210CA
SZ
XZ
210.0
237.00
263.00
1
340.0
1.2
1
SMAJ220A SMAJ220CA
ZE
YE
220.0
246.00
272.00
1
356.0
1.1
1
SMAJ250A SMAJ250CA
ZG
YG
250.0
279.00
309.00
1
405.0
1.0
1
SMAJ300A SMAJ300CA
ZK
YK
300.0
335.00
371.00
1
486.0
0.8
1
SMAJ350A SMAJ350CA
ZM
YM
350.0
391.00
432.00
1
567.0
0.7
1
SMAJ400A SMAJ400CA
ZP
YP
400.0
447.00
494.00
1
648.0
0.6
1
SMAJ440A SMAJ440CA
ZR
YR
440.0
492.00
543.00
1
713.0
0.6
1
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.
I-V Curve Characteristics
Bi-directional
Uni-directional


Podobny numer części - SMAJ20CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SMAJ20CA BYTES-SMAJ20CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMAJ20CA UMW-SMAJ20CA Datasheet
783Kb / 4P
   5.0V-188V 400W
logo
Diodes Incorporated
SMAJ20CA DIODES-SMAJ20CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMAJ20CA ANOVA-SMAJ20CA Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
PACELEADER INDUSTRIAL
SMAJ20CA PACELEADER-SMAJ20CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Podobny opis - SMAJ20CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
5KP SEMITECH-5KP Datasheet
508Kb / 4P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com