Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA-3528EC Arkusz danych(PDF) 3 Page - Kingbright Corporation

Numer części KA-3528EC
Szczegółowy opis  3.5 x 2.8mm SURFACE MOUNT LED LAMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528EC Arkusz danych(HTML) 3 Page - Kingbright Corporation

  KA-3528EC Datasheet HTML 1Page - Kingbright Corporation KA-3528EC Datasheet HTML 2Page - Kingbright Corporation KA-3528EC Datasheet HTML 3Page - Kingbright Corporation KA-3528EC Datasheet HTML 4Page - Kingbright Corporation KA-3528EC Datasheet HTML 5Page - Kingbright Corporation KA-3528EC Datasheet HTML 6Page - Kingbright Corporation KA-3528EC Datasheet HTML 7Page - Kingbright Corporation KA-3528EC Datasheet HTML 8Page - Kingbright Corporation KA-3528EC Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1-KA-3528-3
Parameter
High
Efficiency
Red
Yellow
Super
Bright Red
Super
Bright
Green
Super
Bright
Yellow
Units
Power dissipation
105
105
100
105
125
mW
DC Forward Current
30
30
30
25
30
mA
Peak Forward Current [1]
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
V
Operating/Storage Temperature
-40
To +85
Absolute Maximum Ratings at T A=25°C
°C
°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width .
High Efficiency Red KA-3528EC, KA-3528IT


Podobny numer części - KA-3528EC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HK TO-GRACE TECHNOLOGY ...
KA-3528CGCKT TO-GRACE-KA-3528CGCKT Datasheet
920Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
logo
Kingbright Corporation
KA-3528F3C KINGBRIGHT-KA-3528F3C Datasheet
131Kb / 5P
   IBFRA-RED EMITTING DIODES
KA-3528F4C KINGBRIGHT-KA-3528F4C Datasheet
131Kb / 5P
   IBFRA-RED EMITTING DIODES
KA-3528MWC KINGBRIGHT-KA-3528MWC Datasheet
121Kb / 4P
   3.5x2.8mm SURFACE MOUNT LED LAMP
KA-3528PWC KINGBRIGHT-KA-3528PWC Datasheet
103Kb / 4P
   3.5x2.8mm SURFACE MOUNT LED LAMP
More results

Podobny opis - KA-3528EC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
AAD3528PBC KINGBRIGHT-AAD3528PBC Datasheet
87Kb / 4P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528EMBSGC KINGBRIGHT-AAA3528EMBSGC Datasheet
138Kb / 5P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528SURKCGKC KINGBRIGHT-AAA3528SURKCGKC Datasheet
153Kb / 5P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528SURKSGC KINGBRIGHT-AAA3528SURKSGC Datasheet
87Kb / 1P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AA3528 KINGBRIGHT-AA3528 Datasheet
123Kb / 6P
   3.5 X 2.8 MM SINGLE COLOR SURFACE MOUNT LED LAMPS
logo
LUMEX INC.
SML-LX2832LYC-TR LUMEX-SML-LX2832LYC-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832DRC-TR LUMEX-SML-LX2832DRC-TR Datasheet
65Kb / 1P
   2.8mm x 3.2nm SURFACE MOUNT LED WIT REFLECTOR
SML-LX2832SRC-TR LUMEX-SML-LX2832SRC-TR Datasheet
67Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832PGC-TR LUMEX-SML-LX2832PGC-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832SRC+B-TR LUMEX-SML-LX2832SRC+B-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com