Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

H.FL-R-SMT(10) Arkusz danych(PDF) 1 Page - Hirose Electric

Numer części H.FL-R-SMT(10)
Szczegółowy opis  75 廓 Small Coaxial Connectors (SMT Low Profi le)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HIROSE [Hirose Electric]
Strona internetowa  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

H.FL-R-SMT(10) Arkusz danych(HTML) 1 Page - Hirose Electric

  H.FL-R-SMT(10) Datasheet HTML 1Page - Hirose Electric H.FL-R-SMT(10) Datasheet HTML 2Page - Hirose Electric H.FL-R-SMT(10) Datasheet HTML 3Page - Hirose Electric H.FL-R-SMT(10) Datasheet HTML 4Page - Hirose Electric H.FL-R-SMT(10) Datasheet HTML 5Page - Hirose Electric H.FL-R-SMT(10) Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NEW
2014.3
1
75
Ω Small Coaxial Connectors (SMT Low Profile)
H.FL75 Series
75 ø, up to 3 GHz
■Features
1. Miniature, 75
Ω coaxial RF connector
A mated receptacle and right-angled plug
delivers a low mated height of only 3 mm from
the printed circuit board (see Fig.
q).
2. High impedance matching
High impedance matching is used to produce its
high frequency response from DC to 3 GHz,
which is suitable for 3G-SDI broadcasting
equipment.
3. Terminated with 75
Ω, ultra-fine coaxial cable
The use of
Ø1.5 mm, ultra-fine coaxial (fluorinated
resin insulated) cables make this connector
perfect for applications that require wiring in tight
spaces.
4.Suitable for use with 3G-SDI equipment
Used together with BNC (75) Series connectors,
it’s possible to maintain 75
ø system lines from
the interface connections to the internal wiring
systems.
5. Supports automatic mounting
The receptacles are packaged on reels which
supports automatic pick-and-place mounting.
Capped receptacles are available and are
suitable for use with vir tually all types of
mounting machines.
6. Easy mating with protected design
The design structure emits a clear tactile click
when mating is completed. Even though small
in size, the receptacle’s design adds extra
protection to the mating area.
7. Simple un-mating process
An extraction tool is available which simplifies
the un-mating process.
6.5
H.FL-R-SMT
H.FL75-LP(G)-084
Interface: BNC (75) Series
Internal wiring: H.FL75 Series
Figure 1 Connector mating external view
Figure
q


Podobny numer części - H.FL-R-SMT(10)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
H.FL-R-SMT HIROSE-H.FL-R-SMT Datasheet
277Kb / 6P
   THE world smallest low-profile coaxial connectors
H.FL-R-SMT HIROSE-H.FL-R-SMT Datasheet
304Kb / 6P
   HRS H.FL SERIES
More results

Podobny opis - H.FL-R-SMT(10)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
EVM-2NSX80B55 PANASONIC-EVM-2NSX80B55 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers
logo
GREATECS
EC1 GREATECS-EC1 Datasheet
112Kb / 1P
   Low Profi le SMT Encoder Switches with 8 Sections
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Molex Electronics Ltd.
85349-0006 MOLEX-85349-0006 Datasheet
205Kb / 2P
   Low Profi le SMT Connector Front I/O - EMI proof
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
Bourns Electronic Solut...
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com