Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

H.FL-R-SMT(C)(10) Arkusz danych(PDF) 4 Page - Hirose Electric

Numer części H.FL-R-SMT(C)(10)
Szczegółowy opis  75 廓 Small Coaxial Connectors (SMT Low Profi le)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HIROSE [Hirose Electric]
Strona internetowa  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

H.FL-R-SMT(C)(10) Arkusz danych(HTML) 4 Page - Hirose Electric

  H.FL-R-SMT(C)(10) Datasheet HTML 1Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 2Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 3Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 4Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 5Page - Hirose Electric H.FL-R-SMT(C)(10) Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
H.FL75 Series75
Ω Small Coaxial Connectors (SMT Low Profile)
Part No.
HRS No.
RoHS
BNC
(75)J-H.FLJ-BPA(40)
CL311-0302-8-40
Part No.
HRS No.
RoHS
H.FL-LP-N
CL331-0551-7
■Conversion Adapter
●BNC (75) Conversion Adapter (Mating portion - H.FL75 side: jack - BNC (75) side: jack)
BPlug Extraction Tool
This is the recommended tool for un-mating the plug when in the mated condition.
BEmbossed Carrier Tape Dimensions (JIS-C-0806 compliant)
The diagram below shows the embossed carrier tape dimensions used to package the H.FL-R-SMT(10).
24
8
Ø1.5
Unreeling direction
Center contact
(2.4)
14
2
Ø21
Ø13
Reel Dimensions
8.2 0.1
0
12.5
21.3
Ø15
40
100


Podobny numer części - H.FL-R-SMT(C)(10)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
H.FL-R-SMT HIROSE-H.FL-R-SMT Datasheet
277Kb / 6P
   THE world smallest low-profile coaxial connectors
H.FL-R-SMT HIROSE-H.FL-R-SMT Datasheet
304Kb / 6P
   HRS H.FL SERIES
More results

Podobny opis - H.FL-R-SMT(C)(10)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
EVM-2NSX80B55 PANASONIC-EVM-2NSX80B55 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers
logo
GREATECS
EC1 GREATECS-EC1 Datasheet
112Kb / 1P
   Low Profi le SMT Encoder Switches with 8 Sections
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Molex Electronics Ltd.
85349-0006 MOLEX-85349-0006 Datasheet
205Kb / 2P
   Low Profi le SMT Connector Front I/O - EMI proof
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
Bourns Electronic Solut...
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com