Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA-3528SRT Arkusz danych(PDF) 1 Page - Kingbright Corporation

Numer części KA-3528SRT
Szczegółowy opis  3.5 x 2.8mm SURFACE MOUNT LED LAMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-3528SRT Arkusz danych(HTML) 1 Page - Kingbright Corporation

  KA-3528SRT Datasheet HTML 1Page - Kingbright Corporation KA-3528SRT Datasheet HTML 2Page - Kingbright Corporation KA-3528SRT Datasheet HTML 3Page - Kingbright Corporation KA-3528SRT Datasheet HTML 4Page - Kingbright Corporation KA-3528SRT Datasheet HTML 5Page - Kingbright Corporation KA-3528SRT Datasheet HTML 6Page - Kingbright Corporation KA-3528SRT Datasheet HTML 7Page - Kingbright Corporation KA-3528SRT Datasheet HTML 8Page - Kingbright Corporation KA-3528SRT Datasheet HTML 9Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1-KA-3528-1
Kingbright
®
Notes:
1. All dimensions are in millimeters (inches).
2.Toleranceis
±0.25(0.01")unlessotherwisenoted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subjected to change without notice.
Description
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Yellow source color devices are made with Gallium Arsenide
Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
The Super Bright Yellow source color devices are made with
DH InGaAlP on GaAs substrate Light Emitting Diode.
The Blue source color devices are made with GaN on SiC
Light Emitting Diode.
Static electricity and surge damage the LEDS. It is recommended
to use a wrist band or anti-electrostatic or anti-electrostatic glove
when handing the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Features
lSINGLE COLOR AND BI-COLOR SMT LED.
lBOTH CHIPS CAN BE CONTROLLED SEPARATELY.
lSUITABLE FOR ALL SMT ASSEMBLY AND SOLDER
PROCESS.
lAVAILABLE ON TAPE AND REEL.
lIDEAL FOR BACKLIGHTING.
3.5x2.8mm SURFACE MOUNT LED LAMPS
KA-3528
KAA-3528
Package Dimensions


Podobny numer części - KA-3528SRT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HK TO-GRACE TECHNOLOGY ...
KA-3528SECKT TO-GRACE-KA-3528SECKT Datasheet
921Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
logo
Kingbright Corporation
KA-3528SURC KINGBRIGHT-KA-3528SURC Datasheet
125Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KA-3528SURCKT TO-GRACE-KA-3528SURCKT Datasheet
918Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
KA-3528SYCKT TO-GRACE-KA-3528SYCKT Datasheet
927Kb / 4P
   3.5 x 2.8 mm Surface Mount LED Lamp
More results

Podobny opis - KA-3528SRT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
AAD3528PBC KINGBRIGHT-AAD3528PBC Datasheet
87Kb / 4P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528EMBSGC KINGBRIGHT-AAA3528EMBSGC Datasheet
138Kb / 5P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528SURKCGKC KINGBRIGHT-AAA3528SURKCGKC Datasheet
153Kb / 5P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AAA3528SURKSGC KINGBRIGHT-AAA3528SURKSGC Datasheet
87Kb / 1P
   3.5 x 2.8mm SURFACE MOUNT LED LAMP
AA3528 KINGBRIGHT-AA3528 Datasheet
123Kb / 6P
   3.5 X 2.8 MM SINGLE COLOR SURFACE MOUNT LED LAMPS
logo
LUMEX INC.
SML-LX2832LYC-TR LUMEX-SML-LX2832LYC-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832DRC-TR LUMEX-SML-LX2832DRC-TR Datasheet
65Kb / 1P
   2.8mm x 3.2nm SURFACE MOUNT LED WIT REFLECTOR
SML-LX2832SRC-TR LUMEX-SML-LX2832SRC-TR Datasheet
67Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832PGC-TR LUMEX-SML-LX2832PGC-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
SML-LX2832SRC+B-TR LUMEX-SML-LX2832SRC+B-TR Datasheet
66Kb / 1P
   2.8mm x 3.2mm SURFACE MOUNT LED WITH REFLECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com