Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KH561 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części KH561
Szczegółowy opis  Wideband, Low Distortion Driver Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KH561 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  KH561 Datasheet HTML 1Page - Fairchild Semiconductor KH561 Datasheet HTML 2Page - Fairchild Semiconductor KH561 Datasheet HTML 3Page - Fairchild Semiconductor KH561 Datasheet HTML 4Page - Fairchild Semiconductor KH561 Datasheet HTML 5Page - Fairchild Semiconductor KH561 Datasheet HTML 6Page - Fairchild Semiconductor KH561 Datasheet HTML 7Page - Fairchild Semiconductor KH561 Datasheet HTML 8Page - Fairchild Semiconductor KH561 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
KH561
DATA SHEET
REV. 1A February 2001
5
KH561 Typical Performance Characteristics (TA = +25°C, Circuit in Figure 1; unless specified)
Small Signal Pulse Response
Time (2ns/div)
Maximally Flat
Compensation
0
-1.2
-0.8
-0.4
0.4
1.2
0% Overshoot
Compensation
0.8
Large Signal Pulse Response
Time (5ns/div)
Maximally Flat
Compensation
0
-6
-4
-2
2
6
0% Overshoot
Compensation
4
Uni-Polar Pulse Response
Time (5ns/div)
Maximally Flat
Compensation
0
-6
-4
-2
2
6
4
Settling Time into 50
Ω Load
Time (sec)
0
-1.5
-1.0
-0.5
0.5
1.5
1.0
2.0
-2.0
10
-9
10
-7
10
-5
10
-3
10
-1
10
1
5V Output Step
Settling Time into 500
Ω Load
Time (sec)
5V Output Step
0
-1.5
-1.0
-0.5
0.5
1.5
1.0
2.0
-2.0
10
-9
10
-7
10
-5
10
-3
10
-1
10
1
Reverse Transmission Gain & Phase (S12)
Frequency (MHz)
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
0
-45
-180
-90
-135
Gain
Phase
Settling Time into 50pF Load
Time (sec)
5V Output Step
0
-1.5
-1.0
-0.5
0.5
1.5
1.0
2.0
-2.0
10
-9
10
-7
10
-5
10
-3
10
-1
10
1
Output Return Loss (S22)
Frequency (MHz)
-25
-20
-15
-10
-5
0
0
50
100
150
200
250
Ro = 50
Rx = 0
-50
-45
-40
-35
-30
Ro = 40
Rx = 10
Re-compensated
at each Rx
Input Return Loss (S11)
Frequency (MHz)
-50
-40
-30
-20
-10
0
0
50
100
150
200
250
0
-45
-180
-90
-135
Magnitude
Phase
Re-compensated
at each Rx
-1dB Compensation Point
Frequency (MHz)
29
30
31
32
33
34
0
20406080
100
Ro = 50
24
25
26
27
28
Ro = 75
Match Load
Re-compensated at each load
Noise Figure
No Load Gain
17
18
19
20
21
22
5
1015202530
Ro = 50
12
13
14
15
16
Ro = 25
Ro = 75
Ro = 100
Non-inverting input impedance
matched to source impedance
Equivalent Input Noise
Frequency (Hz)
1
6
20
40
60
100
100
1k
10k
100k
10M
100M
Inverting Current 34pA/
√Hz
10
4
2
1
6
20
40
60
100
10
4
2
Non-Inverting Voltage 2.1nV/
√Hz
Non-Inverting Current 2.8pA/
√Hz
1M
Group Delay
Frequency (MHz)
3.0
3.2
3.4
3.6
3.8
4.0
0
50
100
150
200
250
2.0
2.2
2.4
2.6
2.8
Aperture set to 5%
of span (12.8MHz)
Gain Error Band (Worst Case, DC)
No Load Gain
0
1
2
3
4
5
5
9
13
17
21
25
-5
-4
-3
-2
-1
Ro (nominal) = 50
RL = 50
Ω ± 0%
Rf and Rg
tolerance =
±0.1%
Rf and Rg
tolerance =
±1%
PSRR
Frequency (Hz)
50
60
70
80
90
100
100
1k
10k
100k
1M
100M
0
10
20
30
40
10M


Podobny numer części - KH561

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cadeka Microcircuits LL...
KH561 CADEKA-KH561 Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AI CADEKA-KH561AI Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AK CADEKA-KH561AK Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AK/AM CADEKA-KH561AK/AM Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH561AM CADEKA-KH561AM Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
More results

Podobny opis - KH561

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cadeka Microcircuits LL...
KH560 CADEKA-KH560 Datasheet
354Kb / 13P
   Wideband, Low Distortion Driver Amplifier
KH563 CADEKA-KH563 Datasheet
265Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Fairchild Semiconductor
KH560 FAIRCHILD-KH560 Datasheet
182Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Cadeka Microcircuits LL...
KH561 CADEKA-KH561 Datasheet
341Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
National Semiconductor ...
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
   Wideband, Low Distortion DriveR-Amps
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Burr-Brown (TI)
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Texas Instruments
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
logo
Motorola, Inc
MHW1304L MOTOROLA-MHW1304L Datasheet
49Kb / 2P
   Low Distortion Wideband Reverse Amplifier Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com