Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM6164000BLR-5L Arkusz danych(PDF) 5 Page - Samsung semiconductor

Numer części KM6164000BLR-5L
Szczegółowy opis  256Kx16 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6164000BLR-5L Arkusz danych(HTML) 5 Page - Samsung semiconductor

  KM6164000BLR-5L Datasheet HTML 1Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 2Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 3Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 4Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 5Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 6Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 7Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 8Page - Samsung semiconductor KM6164000BLR-5L Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
KM6164000B Family
CMOS SRAM
Revision 4.01
June 1998
5
CL1)
1. Including scope and jig capacitance
AC OPERATING CONDITIONS
TEST CONDITIONS (Test Load and Test Input/Output Reference)
Input pulse level : 0.8 to 2.4V
Input rising and falling time : 5ns
Input and output reference voltage : 1.5V
Output load (See right) :CL=100pF+1TTL
CL=50pF+1TTL
AC CHARACTERISTICS (Vcc=4.5~5.5V, Commercial product : TA=0 to 70°C, Industrial product : TA=-40 to 85°C)
Parameter List
Symbol
Speed Bins
Units
55ns
70ns
100ns
Min
Max
Min
Max
Min
Max
Read
Read cycle time
tRC
55
-
70
-
100
-
ns
Address access time
tAA
-
55
-
70
-
100
ns
Chip select to output
tCO
-
55
-
70
-
100
ns
Output enable to valid output
tOE
-
25
-
35
-
50
ns
Chip select to low-Z output
tLZ
10
-
10
-
10
-
ns
Output enable to low-Z output
tOLZ
5
-
5
-
5
-
ns
UB, LB enable to low-Z output
tBLZ
5
-
5
-
5
-
ns
Chip disable to high-Z output
tHZ
0
20
0
25
0
30
ns
OE disable to high-Z output
tOHZ
0
20
0
25
0
30
ns
UB, LB disable to high-Z output
tBHZ
0
20
0
25
0
30
ns
Output hold from address change
tOH
10
-
10
-
10
-
ns
LB, UB valid to data output
tBA
-
25
-
35
-
50
ns
Write
Write cycle time
tWC
55
-
70
-
100
-
ns
Chip select to end of write
tCW
45
-
60
-
80
-
ns
Address set-up time
tAS
0
-
0
-
0
-
ns
Address valid to end of write
tAW
45
-
60
-
80
-
ns
Write pulse width
tWP
45
-
55
-
70
-
ns
Write recovery time
tWR
0
-
0
-
0
-
ns
Write to output high-Z
tWHZ
0
20
0
25
0
30
ns
Data to write time overlap
tDW
25
-
30
-
40
-
ns
Data hold from write time
tDH
0
-
0
-
0
-
ns
End write to output low-Z
tOW
5
-
5
-
5
-
ns
LB, UB valid to end of write
tBW
45
-
60
-
-
80
ns
DATA RETENTION CHARACTERISTICS
1. Industrial Product : 20
µA
Item
Symbol
Test Condition
Min
Typ
Max
Unit
Vcc for data retention
VDR
CS
≥Vcc-0.2V
2.0
-
5.5
V
Data retention current
IDR
Vcc=3.0V
-
-
151)
µA
Data retention set-up time
tSDR
See data retention waveform
0
-
-
ms
Recovery time
tRDR
5
-
-


Podobny numer części - KM6164000BLR-5L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
   CMOS SRAM
KM6164002E SAMSUNG-KM6164002E Datasheet
167Kb / 9P
   CMOS SRAM
KM6164002I SAMSUNG-KM6164002I Datasheet
167Kb / 9P
   CMOS SRAM
More results

Podobny opis - KM6164000BLR-5L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6F4016U6G SAMSUNG-K6F4016U6G Datasheet
180Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016U4G SAMSUNG-K6F4016U4G Datasheet
173Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com