Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM6164000BLRI-7L Arkusz danych(PDF) 3 Page - Samsung semiconductor

Numer części KM6164000BLRI-7L
Szczegółowy opis  256Kx16 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6164000BLRI-7L Arkusz danych(HTML) 3 Page - Samsung semiconductor

  KM6164000BLRI-7L Datasheet HTML 1Page - Samsung semiconductor KM6164000BLRI-7L Datasheet HTML 2Page - Samsung semiconductor KM6164000BLRI-7L Datasheet HTML 3Page - Samsung semiconductor KM6164000BLRI-7L Datasheet HTML 4Page - Samsung semiconductor KM6164000BLRI-7L Datasheet HTML 5Page - Samsung semiconductor KM6164000BLRI-7L Datasheet HTML 6Page - Samsung semiconductor KM6164000BLRI-7L Datasheet HTML 7Page - Samsung semiconductor KM6164000BLRI-7L Datasheet HTML 8Page - Samsung semiconductor KM6164000BLRI-7L Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KM6164000B Family
CMOS SRAM
Revision 4.01
June 1998
3
PRODUCT LIST
Commercial Temperature Product(0~70
°C)
Industrial Temperature Products(-40~85
°C)
Part Name
Function
Part Name
Function
KM6164000BLT-5L
KM6164000BLT-7L
KM6164000BLR-5L
KM6164000BLR-7L
44-TSOP2-F, 55ns, LL-pwr
44-TSOP2-F, 70ns, LL-pwr
44-TSOP2-R, 55ns, LL-pwr
44-TSOP2-R, 70ns, LL-pwr
KM6164000BLTI-7L
KM6164000BLTI-10L
KM6164000BLRI-7L
KM6164000BLRI-10L
44-TSOP2-F, 70ns, LL-pwr
44-TSOP2-F, 100ns, LL-pwr
44-TSOP2-R, 70ns, .LL-pwr
44-TSOP2-R, 100ns, LL-pwr
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN,VOUT
-0.5 to 7.0
V
-
Voltage on Vcc supply relative to Vss
VCC
-0.5 to7.0
V
-
Power Dissipation
PD
1.0
W
-
Storage temperature
TSTG
-65 to 150
°C
-
Operating Temperature
TA
0 to 70
°C
KM6164000BL-L
-40 to 85
°C
KM6164000BLI-L
Soldering temperature and time
TSOLDER
260
°C, 10sec(Lead Only)
-
-
FUNCTIONAL DESCRIPTION
1. X means don
′t care. (Must be in low or high state)
CS
OE
WE
LB
UB
I/O1~8
I/O9~16
Mode
Power
H
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Standby
L
H
H
X1)
X1)
High-Z
High-Z
Output Disabled
Active
L
X1)
X1)
H
H
High-Z
High-Z
Output Disabled
Active
L
L
H
L
H
Dout
High-Z
Lower Byte Read
Active
L
L
H
H
L
High-Z
Dout
Upper Byte Read
Active
L
L
H
L
L
Dout
Dout
Word Read
Active
L
X1)
L
L
H
Din
High-Z
Lower Byte Write
Active
L
X1)
L
H
L
High-Z
Din
Upper Byte Write
Active
L
X1)
L
L
L
Din
Din
Word Write
Active


Podobny numer części - KM6164000BLRI-7L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
   CMOS SRAM
KM6164002E SAMSUNG-KM6164002E Datasheet
167Kb / 9P
   CMOS SRAM
KM6164002I SAMSUNG-KM6164002I Datasheet
167Kb / 9P
   CMOS SRAM
More results

Podobny opis - KM6164000BLRI-7L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6F4016U6G SAMSUNG-K6F4016U6G Datasheet
180Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016U4G SAMSUNG-K6F4016U4G Datasheet
173Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com