Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB028N10RNCQ8 Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części MTB028N10RNCQ8
Szczegółowy opis  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB028N10RNCQ8 Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  MTB028N10RNCQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB028N10RNCQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB028N10RNCQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB028N10RNCQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB028N10RNCQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB028N10RNCQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB028N10RNCQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB028N10RNCQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB028N10RNCQ8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C053Q8
Issued Date : 2016.11.22
Revised Date :
Page No. : 3/9
MTB028N10RNCQ8
CYStek Product Specification
Characteristics (Cont. TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Dynamic
td(ON) *1, 2
-
10.8
-
tr
*1, 2
-
17.2
-
td(OFF) *1, 2
-
50.6
-
tf
*1, 2
-
15.2
-
ns
VDS=50V, ID=1A, VGS=10V, RGS=6Ω
Rg
-
1.8
-
Ω
f=1MHz
Source-Drain Diode Ratings and Characteristics
IS *1
-
-
6.6
ISM *3
-
-
30
A
VSD *1
-
0.75
1.2
V
IS=2A, VGS=0V
trr
-
21.7
-
ns
Qrr
-
21.5
-
nC
IF=2A, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Independent of operating temperature
*3.Pulse width limited by maximum junction temperature.
Recommended Soldering Footprint


Podobny numer części - MTB028N10RNCQ8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB028N10QNCQ8 CYSTEKEC-MTB028N10QNCQ8 Datasheet
485Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB028N10QNCQ8 DOINGTER-MTB028N10QNCQ8 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB028N10QNCQ8-0-T3-G CYSTEKEC-MTB028N10QNCQ8-0-T3-G Datasheet
485Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB028N10RNCQ8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com