Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3704XDMMX-308 Arkusz danych(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM3704XDMMX-308
Szczegółowy opis  Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3704XDMMX-308 Arkusz danych(HTML) 2 Page - National Semiconductor (TI)

  LM3704XDMMX-308 Datasheet HTML 1Page - National Semiconductor (TI) LM3704XDMMX-308 Datasheet HTML 2Page - National Semiconductor (TI) LM3704XDMMX-308 Datasheet HTML 3Page - National Semiconductor (TI) LM3704XDMMX-308 Datasheet HTML 4Page - National Semiconductor (TI) LM3704XDMMX-308 Datasheet HTML 5Page - National Semiconductor (TI) LM3704XDMMX-308 Datasheet HTML 6Page - National Semiconductor (TI) LM3704XDMMX-308 Datasheet HTML 7Page - National Semiconductor (TI) LM3704XDMMX-308 Datasheet HTML 8Page - National Semiconductor (TI) LM3704XDMMX-308 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Connection Diagram
MSOP-10
Top View
(looking from the coating side)
micro SMD 9 Bump Package
BPA09
10136902
10136901
Pin Description
Pin No.
Name
Function
micro
SMD
MSOP
A1
2
MR
Manual-Reset input. When MR is less than V
MRT (Manual Reset Threshold)
RESET/RESET is engaged.
B1
1
V
CC
Power Supply input.
C1
10
RESET
Reset Logic Output. Pulses low for t
RP (Reset Timeout Period) when triggered, and stays
low whenever V
CC is below the reset threshold or when MR is below VMRT. It remains low
for t
RP after either VCC rises above the reset threshold, or after MR input rises above
V
MRT (LM3704 only).
RESET
Reset Logic Output. RESET is the inverse of RESET (LM3705 only).
C2
8
PFO
Power-Fail Logic Output. When PFI is below V
PFT, PFO goes low; otherwise, PFO
remains high.
C3
7
LLO
Low-Line Logic Output. Early Power-Fail warning output. Low when V
CC falls below VLLOT
(Low-Line Output Threshold). This output can be used to generate an NMI (Non-Maskable
Interrupt) to provide an early warning of imminent power-failure.
B3
5
GND
Ground reference for all signals.
A3
4, 6
NC
No Connect.
A2
3
PFI
Power-Fail Comparator Input. When PFI is less than V
PFT (Power-Fail Reset Threshold),
the PFO goes low; otherwise, PFO remains high.
B2
9
NC
No Connect. Test input used at factory only. Leave floating.
www.national.com
2


Podobny numer części - LM3704XDMMX-308

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3704XCMM-308/NOPB TI1-LM3704XCMM-308/NOPB Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
More results

Podobny opis - LM3704XDMMX-308

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
LM3702 NSC-LM3702 Datasheet
222Kb / 13P
   Microprocessor Supervisory Circuits with Low Line Output and Manual Reset
logo
Texas Instruments
LM3710 TI1-LM3710 Datasheet
1Mb / 19P
[Old version datasheet]   LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
National Semiconductor ...
LM3712 NSC-LM3712 Datasheet
244Kb / 13P
   Microprocessor Supervisory Circuits with Separate Watchdog Timer Output, Power Fail Input and Manual Reset
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com