Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0-1432197-1 Arkusz danych(PDF) 4 Page - Tyco Electronics

Numer części 0-1432197-1
Szczegółowy opis  Limiting continuous current 32 A at 85째C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

0-1432197-1 Arkusz danych(HTML) 4 Page - Tyco Electronics

  0-1432197-1 Datasheet HTML 1Page - Tyco Electronics 0-1432197-1 Datasheet HTML 2Page - Tyco Electronics 0-1432197-1 Datasheet HTML 3Page - Tyco Electronics 0-1432197-1 Datasheet HTML 4Page - Tyco Electronics 0-1432197-1 Datasheet HTML 5Page - Tyco Electronics 0-1432197-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VKP (Open – Sealed)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 6-2009
All specifications subject to change. Consult Tyco Electronics for latest specifications.
159
Contact Data
Typical areas of application
Contact configuration
Circuit symbol
(see also Pin assignment)
Rated voltage
Rated current
Limiting continuous current
23°C
85°C
105°C
Contact material
Max. switching voltage/power
Max. switching current
On 2)
Off
Steady-state flashing 3)
Open
Sealed
Alternate flashing 4)
Open
Sealed
Min. recommended load 5)
Voltage drop (initial) at 10 A
Mechanical endurance (without load)
Electrical endurance
1) Center contact pin 4 to be connected to positive potential.
2) Inrush current for lamp load.
3) Continuous On-Off cycling of a single set of lamps at 60 to 90 operations per minute and approx. a 50% duty cycle.
4) Continuous cycling between two sets of lamps with one set switched by the NO contacts and the other by the NC contacts, at 60 to 90 operations per minute
and approx. a 50% duty cycle.
5) See chapter Diagnostics of Relays in our Application Notes page 31 or consult the internet at http://relays.tycoelectronics.com/appnotes/
Flashing lamps
1 Make contact/
1 Changeover contact/
1 Form A
1 Form C
12 V
30 A
20 /30 A
35 A
25/35 A
30 A
20/30 A
25 A
15/25 A
AgSnO2 (VKP-***72) 1)
See load limit curve on previous page
High current version
High current version
NC/NO
240 A
60/240 A
30 A
20/30 A
NC/NO
30 A
10/30 A
25 A
10/25 A
NC/NO
8/8 A
8/8 A
1 A at 5 V
100 mV max. for NO contacts,
200 mV max. for NC contacts, typ. 40 mV
Typ. 107 operations
See application information below
3
5(–)
4(+)
Coil Data
Available for nominal voltages
12 V / 24 V
Nominal power consumption of the unsuppressed coil at nominal voltage
1.6 W
Test voltage winding/contact
500 VACrms
Maximum ambient temperature range
–40 to +125°C
Operate time at nominal voltage
Typ. 5 ms
Release time at nominal voltage 1)
Typ. 3 ms
1)
For unsuppressed relay coil.
Note:
A low resistive suppression device in parallel to the relay coil increases the release time and reduces
the lifetime caused by increased erosion and/or higher risk of contact tack welding.


Podobny numer części - 0-1432197-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
0-1432219-1 MACOM-0-1432219-1 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
More results

Podobny opis - 0-1432197-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
logo
Tyco Electronics
1393277-8 MACOM-1393277-8 Datasheet
748Kb / 5P
   Limiting continuous current 45A
logo
List of Unclassifed Man...
V23076A1022C133 ETC2-V23076A1022C133 Datasheet
889Kb / 4P
   Limiting continuous current 45A
logo
Jianghai Europe GmbH
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
   14 000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
logo
Hittite Microwave Corpo...
HMC865LC3C HITTITE-HMC865LC3C_11 Datasheet
1Mb / 10P
   32 Gbps LIMITING AMPLIFIER
HMC866LC3C HITTITE-HMC866LC3C_11 Datasheet
734Kb / 10P
   32 Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com