Zakładka z wyszukiwarką danych komponentów |
|
LM4040BIM3-2.5 Arkusz danych(PDF) 11 Page - National Semiconductor (TI) |
|
|
LM4040BIM3-2.5 Arkusz danych(HTML) 11 Page - National Semiconductor (TI) |
11 / 30 page LM4040-3.0 Electrical Characteristics (Industrial Temperature Range) Boldface limits apply for T A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1.0% and ±2.0%, respectively. Symbol Parameter Conditions Typical (Note 4) LM4040CIM3 LM4040DIZ LM4040CIM7 Limits (Note 5) LM4040DIM3 LM4040DIZ LM4040DIM7 Limits (Note 5) LM4040EIM7 LM4040EIZ Limits (Note 5) Units (Limit) V R Reverse Breakdown Voltage I R = 100 µA 3.000 V Reverse Breakdown Voltage Tolerance (Note 6) I R = 100 µA ±15 ±30 ±60 mV (max) ±34 ±59 ±89 mV (max) I RMIN Minimum Operating Current 45 µA 60 65 65 µA (max) 65 70 70 µA (max) ∆V R/ ∆T Average Reverse Breakdown Voltage Temperature Coefficient(Note 6) I R =10 mA ±20 ppm/˚C I R =1 mA ±15 ±100 ±150 ±150 ppm/˚C (max) I R = 100 µA ±15 ppm/˚C ∆V R/ ∆I R Reverse Breakdown Voltage Change with Operating Current Change (Note 7) I RMIN ≤ I R ≤ 1 mA 0.4 mV 0.8 1.1 1.1 mV (max) 1.1 1.3 1.3 mV (max) 1mA ≤ I R ≤ 15 mA 2.7 mV 6.0 8.0 8.0 mV (max) 9.0 11.0 11.0 mV (max) Z R Reverse Dynamic Impedance I R = 1 mA, f = 120 Hz 0.4 Ω I AC = 0.1 IR 0.9 1.2 1.2 Ω(max) e N Wideband Noise I R = 100 µA 35 µV rms 10 Hz ≤ f ≤ 10 kHz ∆V R Reverse Breakdown Voltage Long Term Stability t = 1000 hrs T = 25˚C ±0.1˚C 120 ppm I R = 100 µA V HYST Thermal Hysteresis (Note 8) ∆T = −40˚C to +125˚C 0.08 % LM4040-3.0 Electrical Characteristics (Extended Temperature Range) Boldface limits apply for T A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1.0% and ±2.0%, respectively. Symbol Parameter Conditions Typical (Note 4) LM4040CEM3 Limits (Note 5) LM4040DEM3 Limits (Note 5) LM4040EEM3 Limits (Note 5) Units (Limit) V R Reverse Breakdown Voltage I R = 100 µA 3.000 V Reverse Breakdown Voltage Tolerance(Note 6) I R = 100 µA ±15 ±30 ±60 mV (max) ±45 ±75 ±105 mV (max) I RMIN Minimum Operating Current 47 µA 62 67 67 µA (max) 70 75 75 µA (max) www.national.com 11 |
Podobny numer części - LM4040BIM3-2.5 |
|
Podobny opis - LM4040BIM3-2.5 |