Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14LC5540DW Arkusz danych(PDF) 8 Page - Motorola, Inc

Numer części MC14LC5540DW
Szczegółowy opis  ADPCM Codec
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14LC5540DW Arkusz danych(HTML) 8 Page - Motorola, Inc

Back Button MC14LC5540DW Datasheet HTML 4Page - Motorola, Inc MC14LC5540DW Datasheet HTML 5Page - Motorola, Inc MC14LC5540DW Datasheet HTML 6Page - Motorola, Inc MC14LC5540DW Datasheet HTML 7Page - Motorola, Inc MC14LC5540DW Datasheet HTML 8Page - Motorola, Inc MC14LC5540DW Datasheet HTML 9Page - Motorola, Inc MC14LC5540DW Datasheet HTML 10Page - Motorola, Inc MC14LC5540DW Datasheet HTML 11Page - Motorola, Inc MC14LC5540DW Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MC14LC5540
MOTOROLA
8
A3
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
SCP Tx
SCP Rx
SCPCLK
SCPEN
DON’T CARE
R/W
HIGH IMPEDANCE
DON’T CARE
Figure 9. SCP Byte Register Read Operation Using Single 16–Bit Transfer
SERIAL CONTROL PORT (SCP) INTERFACE
The MC14LC5540 is equipped with an industry standard
Serial Control Port (SCP) Interface. The SCP is used by an
external controller, such as an M68HC05 family micro-
controller, to communicate with the MC14LC5540 ADPCM
Codec.
The SCP is a full–duplex, four–wire interface used to pass
control and status information to and from the ADPCM
Codec. The SCP Interface consists of a transmit output, a
receive input, a data clock, and an enable signal. These
device pins are known as SCP Tx, SCP Rx, SCPCLK, and
SCPEN, respectively. The SCPCLK determines the rate of
exchange of data in both the transmit and receive directions,
and the SCPEN signal governs when this exchange is to
take place.
The operation and configuration of the ADPCM Codec is
controlled by setting the state of the control and status regis-
ters within the MC14LC5540 and then monitoring these con-
trol and status registers. The control and status registers
reside in sixteen 8–bit wide Byte Registers, BR0 – BR15. A
complete register map can be found in the Serial Control
Port Registers section.
BYTE REGISTER OPERATIONS
The sixteen byte registers are addressed by addressing a
four–bit byte register address (A3:A0) as shown in Figures 6
and 7. A second 8–bit operation transfers the data word
(D7:D0). Alternatively, these registers can be accessed with
a single 16–bit operation as shown in Figures 8 and 9.
ADPCM CODEC DEVICE DESCRIPTION
The MC14LC5540 is a single channel Mu–Law or A–Law
companding PCM Codec–Filter with an ADPCM encoder/de-
coder operating on a single voltage power supply from 2.7 to
5.25 V.
The MC14LC5540 ADPCM Codec is a complete solution
for digitizing and reconstructing voice in compliance with
CCITT G.714, G.721–1988, G.723–1988, G.726, and ANSI
T1.301 and T1.303 for 64, 32, 24, and 16 kbps. This device
satisfies the need for high–quality, low–power, low data rate
voice transmission, and storage applications and is offered in
three plastic packages: the 28–pin DIP and 28–pin SOIC di-
rectly replace the MC145540, and the 32–pin TQFP (Thin
Quad Flat Package) is a new addition.
Referring to Figure 10, the main functional blocks of the
MC14LC5540 are the switched capacitor technology PCM
Codec–Filter, the DSP based ADPCM encoder/decoder, and
the voltage regulated charge pump. As an introduction to the
functionality of the ADPCM Codec, a basic description of
these functional blocks follows.
PCM CODEC–FILTER BLOCK DESCRIPTION
A PCM Codec–Filter is a device used for digitizing and re-
constructing the human voice. These devices were devel-
oped primarily for the telephone network to facilitate voice
switching and transmission. Once the voice is digitized, it
may be switched by digital switching methods or transmitted
long distance (T1, microwave, fiber optics, satellites, etc.)
without degradation. The name codec is an acronym from
“COder” for the analog–to–digital converter (ADC) used to
digitize voice, and “DECoder” for the digital–to–analog con-
verter (DAC) used for reconstructing voice. A codec is a
single device that does both the ADC and DAC conversions.
To digitize voice intelligibly requires a signal to distortion of
about 30 dB for a dynamic range of about 40 dB. This may be
accomplished with a linear 13–bit ADC and DAC, but will far
exceed the required signal to distortion at amplitudes greater
than 40 dB below the peak amplitude. This excess perfor-
mance is at the expense of bits of data per sample. Two
methods of data reduction are implemented by compressing
the 13–bit linear scheme to companded 8–bit schemes.
These companding schemes follow a segmented or “piece-
wise–linear” curve formatted as sign bit, three chord bits, and
four step bits. For a given chord, all 16 of the steps have the
same voltage weighting. As the voltage of the analog input
increases, the four step bits increment and carry to the three
chord bits, which increment. When the chord bits increment,
the step bits double their voltage weighting. This results in an
effective resolution of six bits (sign + chord + four step bits)
across a 42 dB dynamic range (seven chords above 0, by
6 dB per chord). There are two companding schemes used:
Mu–255 Law specifically in North America and A–Law
specifically in Europe. These companding schemes are
accepted world wide.


Podobny numer części - MC14LC5540DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14LC5002 MOTOROLA-MC14LC5002 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5002FB MOTOROLA-MC14LC5002FB Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
NXP Semiconductors
MC14LC5002FB NXP-MC14LC5002FB Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5003 MOTOROLA-MC14LC5003 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
More results

Podobny opis - MC14LC5540DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
   ADPCM Codec
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
   Multifunction ADPCM CODEC
logo
LAPIS Semiconductor Co....
ML7029 LAPIS-ML7029 Datasheet
362Kb / 29P
   Multifunction ADPCM CODEC
logo
OKI electronic componet...
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
   Multifunction ADPCM CODEC
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
logo
List of Unclassifed Man...
VS1103B ETC2-VS1103B Datasheet
559Kb / 61P
   MIDI/ADPCM AUDIO CODEC
logo
ELAN Microelectronics C...
EM77565 EMC-EM77565 Datasheet
318Kb / 25P
   ADPCM WITH PCM CODEC
logo
OKI electronic componet...
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
   Single Rail ADPCM CODEC
MSM7540 OKI-MSM7540 Datasheet
156Kb / 16P
   Single Rail ADPCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
   Multi-Function ADPCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com