Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC856A Arkusz danych(PDF) 6 Page - Yea Shin Technology Co., Ltd

Numer części BC856A
Szczegółowy opis  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BC856A Arkusz danych(HTML) 6 Page - Yea Shin Technology Co., Ltd

  BC856A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BC856A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BC856A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BC856A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BC856A Datasheet HTML 5Page - Yea Shin Technology Co., Ltd BC856A Datasheet HTML 6Page - Yea Shin Technology Co., Ltd BC856A Datasheet HTML 7Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
http://www.yeashin.com
6
REV.02 20130403
BC85x Series
t, TIME (ms)
Figure 13. Thermal Response
V
CE , COLLECTOR–EMITTER VOLTAGE (V)
Figure 14. Active Region Safe Operating Area
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
The safe operating area curves indicate I
C –V CE limits of the
transistor that must be observed for reliable operation. Collector
load lines for specific circuits must fall below the limits indicated by
the applicable curve.
The data of Figure 14 is based upon T
J(pk) = 150°C; T C or T A
is variable depending upon conditions. Pulse curves are valid for
duty cycles to 10% provided T
J(pk) < 150°C. T J(pk) may be calcu-
lated from the data in Figure 13. At high case or ambient
temperatures, thermal limitations will reduce the power that can
be handled to values less than the limitations imposed by the sec-
ondary breakdown.
BC558
BC557
BC556
Z
θJC (t) = r(t) R θJC
R
θJC = 83.3°C/W MAX
Z
θJA (t) = r(t) R θJA
R
θJA = 200°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t
1
T
J(pk) – T C = P (pk) R
θJC (t)
DUTY CYCLE, D = t
1 /t 2
t
1
t
2
P
(pk)
SINGLE PULSE
SINGLE PULSE
T
A= 25°C
T
J= 25°C
3 ms
1s
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
D=0.5
0.2
0.1
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
–1.0
–0.5
–10
–30 –45 –65 –100
–200
–100
–50
–10
–5.0
–2.0
DEVICE CHARACTERISTICS


Podobny numer części - BC856A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC856A PHILIPS-BC856A Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Micro Commercial Compon...
BC856A MCC-BC856A Datasheet
521Kb / 5P
   PNP Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC856A TSC-BC856A Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BC856A NEXPERIA-BC856A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
SeCoS Halbleitertechnol...
BC856A SECOS-BC856A Datasheet
263Kb / 3P
   BC856A
More results

Podobny opis - BC856A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com