Zakładka z wyszukiwarką danych komponentów |
|
BC856B Arkusz danych(PDF) 1 Page - Yea Shin Technology Co., Ltd |
|
BC856B Arkusz danych(HTML) 1 Page - Yea Shin Technology Co., Ltd |
1 / 7 page DATA SHEET SEMICONDUCTOR http://www.yeashin.com 1 REV.02 20130403 BC85x Series General Purpose Transistors SOT–23 2 EMITTER 3 COLLECT OR 1 BASE 3 xx MARKING DIAGRAM xx= Device Marking (See Table Below) PNP Silicon • Moisture Sensitivity Level: 1 • ESD Rating – Human Body Model: >4000 V ESD Rating – Machine Model: >400 V • MAXIMUM RATINGS (TA = 25°C unless otherwise noted) Rating Symbol Value Unit Collector-Emitter Voltage BC856 BC857 BC858, BC859 VCEO –65 –45 –30 V Collector-Base Voltage BC856 BC857 BC858, BC859 VCBO –80 –50 –30 V Emitter–Base Voltage VEBO –5.0 V Collector Current – Continuous IC –100 mAdc THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Total Device Dissipation FR–5 Board, (Note 1.) TA = 25°C Derate above 25 °C PD 225 1.8 mW mW/ °C Thermal Resistance, Junction to Ambient RqJA 556 °C/W Total Device Dissipation Alumina Substrate, (Note 2.) TA = 25°C Derate above 25 °C PD 300 2.4 mW mW/ °C Thermal Resistance, Junction to Ambient RqJA 417 °C/W Junction and Storage Temperature TJ,Tstg –55 to +150 °C 1. FR–5 = 1.0 x 0.75 x 0.062 in 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. RoHS requirements. We declare that the material of product compliance with 1 2 H |
Podobny numer części - BC856B |
|
Podobny opis - BC856B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |