Zakładka z wyszukiwarką danych komponentów |
|
CXA1510-0000-000F0UF235H Arkusz danych(PDF) 1 Page - Cree, Inc |
|
CXA1510-0000-000F0UF235H Arkusz danych(HTML) 1 Page - Cree, Inc |
1 / 27 page Product family data sheet Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Cree® XLamp® CXA1510 LED ProDuCt DEsCriPtion The XLamp® CXA1510 LeD array expands Cree’s family of high‑flux, multi‑die arrays in a smaller, easy‑to‑use platform.WithXLampLEDlighting‑class reliability, the CXA1510’s small, uniform emitting surface enables both directional and non‑directional lighting applications including lamp retrofit and luminaire designs. Available in 2‑step, 3‑step and 4‑step color consistency, and featuring a 9‑mm optical source, the CXA1510 brings new levels of flux and efficacy to this form factor. The CX LED Design Guide provides basic information on the requirements to use the CXA1510 LED successfully in luminaire designs. fEAturEs • Available in 4‑step, 3‑step and 2‑step EasyWhite® bins at 2700 K, 3000 K, 3500 K, 4000 K & 5000 K CCT and 4‑step EasyWhite bins at 5700 K & 6500 K CCT • Available in ANSI white bins at 4000 K, 5000 K, 5700 K & 6500 K CCT • Available in 70‑, 80‑, 90‑ and 93‑minimum CRI options • Forward voltage options: 18‑V class & 36‑V class • 85 °C binning and characterization • Maximum drive current: 900 mA (18 V), 450 mA (36 V) • 115° viewing angle, uniform chromaticity profile • Top‑side solder connections • Thermocouple attach point • NEMA SSL‑3 2011 standard flux bins • RoHS compliant • UL® recognized component (E349212) tAbLE of ContEnts Characteristics ............................................2 Operating Limits..........................................3 Flux Characteristics, EasyWhite® Order Codes and Bins ‑ 18 V.................................4 Flux Characteristics, ANSI White Order Codes and Bins ‑ 18 V.................................8 Flux Characteristics, EasyWhite® Order Codes and Bins ‑ 36 V.................................9 Flux Characteristics, ANSI White Order Codes and Bins ‑ 36 V.............................. 13 Relative Spectral Power Distribution ...... 14 Electrical Characteristics......................... 15 Relative Luminous Flux............................ 16 Typical Spatial Distribution...................... 18 Performance Groups ‑ Brightness .......... 18 Performance Groups ‑ Chromaticity....... 19 Cree EasyWhite® Bins Plotted on the 1931 CIE Color Space ............................. 22 Cree ANSI White Bins Plotted on the 1931 CIE Color Space.............................. 22 Bin and Order Code Formats................... 23 Mechanical Dimensions .......................... 23 Thermal Design........................................ 24 Notes ........................................................ 26 Packaging................................................. 27 |
Podobny numer części - CXA1510-0000-000F0UF235H |
|
Podobny opis - CXA1510-0000-000F0UF235H |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |