Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1510-0000-000F0YG235H Arkusz danych(PDF) 2 Page - Cree, Inc

Numer części CXA1510-0000-000F0YG235H
Szczegółowy opis  XLamp LED
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1510-0000-000F0YG235H Arkusz danych(HTML) 2 Page - Cree, Inc

  CXA1510-0000-000F0YG235H Datasheet HTML 1Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 2Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 3Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 4Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 5Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 6Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 7Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 8Page - Cree, Inc CXA1510-0000-000F0YG235H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
XLamp® CXa1510 LED
ChArACtEristiCs
Characteristics
unit
Minimum
typical
Maximum
Viewing angle (FWHM)
degrees
115
ESD withstand voltage (HBM per Mil‑Std‑883D)
v
8000
DC forward current (18 V)
mA
900*
DC forward current (36 V)
mA
450*
Reverse current (18 V, 36V)
mA
0.1
Forward voltage (18 V, 500 mA, 85 °C)
v
17.5
Forward voltage (18 V, 500 mA, 25 °C)
v
21
Forward voltage (36 V, 250 mA, 85 °C)
v
35
Forward voltage (36 V, 250 mA, 25 °C)
v
42
*
Refer to the Operating Limits section.


Podobny numer części - CXA1510-0000-000F0YG235H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1511L SONY-CXA1511L Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
CXA1511M SONY-CXA1511M Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
logo
Cree, Inc
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00J40E8 CREE-CXA1512-0000-000N00J40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00J427F CREE-CXA1512-0000-000N00J427F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
More results

Podobny opis - CXA1510-0000-000F0YG235H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com