Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA1304-0000-000C00C235F Arkusz danych(PDF) 2 Page - Cree, Inc

Numer części CXA1304-0000-000C00C235F
Szczegółowy opis  XLamp LED
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304-0000-000C00C235F Arkusz danych(HTML) 2 Page - Cree, Inc

  CXA1304-0000-000C00C235F Datasheet HTML 1Page - Cree, Inc CXA1304-0000-000C00C235F Datasheet HTML 2Page - Cree, Inc CXA1304-0000-000C00C235F Datasheet HTML 3Page - Cree, Inc CXA1304-0000-000C00C235F Datasheet HTML 4Page - Cree, Inc CXA1304-0000-000C00C235F Datasheet HTML 5Page - Cree, Inc CXA1304-0000-000C00C235F Datasheet HTML 6Page - Cree, Inc CXA1304-0000-000C00C235F Datasheet HTML 7Page - Cree, Inc CXA1304-0000-000C00C235F Datasheet HTML 8Page - Cree, Inc CXA1304-0000-000C00C235F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
XLamp® CXa1304 LED
ChArACtEristiCs
Characteristics
unit
Minimum
typical
Maximum
Viewing angle (FWHM)
degrees
115
ESD withstand voltage (HBM per Mil‑Std‑883D)
v
8000
DC forward current (9 V)
mA
1000*
DC forward current (18 V)
mA
500*
DC forward current (36 V)
mA
250*
Reverse current (9 V, 18V, 36 V)
mA
0.1
Forward voltage (9 V, 400 mA, 85 °C)
v
9
Forward voltage (9 V, 400 mA, 25 °C)
v
10.5
Forward voltage (18 V, 200 mA, 85 °C)
v
18
Forward voltage (18 V, 200 mA, 25 °C)
v
21
Forward voltage (36 V, 100 mA, 85 °C)
v
36
Forward voltage (36 V, 100 mA, 25 °C)
v
42
*
Refer to the Operating Limits section.
oPErAting LiMits
The maximum current rating of the CXA1304 is dependent on the case temperature (Tc) when the LED has reached thermal equilibrium
under steady‑state operation. The graphs shown below assume that the system design employs good thermal management (thermal
interface material and heat sink) and may vary when poor thermal management is employed. Please refer to the Mechanical Dimensions
section on page 26 for the location of the Tc measurement point.
CXA1304-9V
0
200
400
600
800
1000
1200
0
25
50
75
100
125
150
Case Temperature (°C)
9 V


Podobny numer części - CXA1304-0000-000C00C235F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA1304-0000-000C00C20E1 CREE-CXA1304-0000-000C00C20E1 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00C20E2 CREE-CXA1304-0000-000C00C20E2 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00C20E3 CREE-CXA1304-0000-000C00C20E3 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00C20E5 CREE-CXA1304-0000-000C00C20E5 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00C240F CREE-CXA1304-0000-000C00C240F Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Podobny opis - CXA1304-0000-000C00C235F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com