Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3590-0000-000N00BB40F Arkusz danych(PDF) 7 Page - Cree, Inc

Numer części CXA3590-0000-000N00BB40F
Szczegółowy opis  XLamp LED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3590-0000-000N00BB40F Arkusz danych(HTML) 7 Page - Cree, Inc

Back Button CXA3590-0000-000N00BB40F Datasheet HTML 3Page - Cree, Inc CXA3590-0000-000N00BB40F Datasheet HTML 4Page - Cree, Inc CXA3590-0000-000N00BB40F Datasheet HTML 5Page - Cree, Inc CXA3590-0000-000N00BB40F Datasheet HTML 6Page - Cree, Inc CXA3590-0000-000N00BB40F Datasheet HTML 7Page - Cree, Inc CXA3590-0000-000N00BB40F Datasheet HTML 8Page - Cree, Inc CXA3590-0000-000N00BB40F Datasheet HTML 9Page - Cree, Inc CXA3590-0000-000N00BB40F Datasheet HTML 10Page - Cree, Inc CXA3590-0000-000N00BB40F Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXa3590 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 22).
Cree XLamp CXA3590 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
fLuX ChArACtEristiCs, EAsyWhitE® Order COdes and Bins - 72 V (i
f = 1200 mA, t= 85 °C)
The following table provides order codes for XLamp CXA3590 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 19).
nominal
CCt
Cri
Minimum Luminous flux
2-step
3-step
4-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* group
order Code
group
order Code
group
order Code
6500 K
70
75
BD
10,000
11,100
65F
CXA3590-0000-
000R00BD65F
CB
11,000
12,210
CXA3590-0000-
000R00CB65F
CD
12,000
13,320
CXA3590-0000-
000R00CD65F
80
---
BB
9,500
10,545
65F
CXA3590-0000-
000R0HBB65F
BD
10,000
11,100
CXA3590-0000-
000R0HBD65F
CB
11,000
12,210
CXA3590-0000-
000R0HCB65F
5700 K
70
75
BD
10,000
11,100
57F
CXA3590-0000-
000R00BD57F
CB
11,000
12,210
CXA3590-0000-
000R00CB57F
CD
12,000
13,320
CXA3590-0000-
000R00CD57F
80
---
BB
9,500
10,545
57F
CXA3590-0000-
000R0HBB57F
BD
10,000
11,100
CXA3590-0000-
000R0HBD57F
CB
11,000
12,210
CXA3590-0000-
000R0HCB57F
5000 K
70
75
BD
10,000
11,100
50H
CXA3590-0000-
000R00BD50H
50F
CXA3590-0000-
000R00BD50F
CB
11,000
12,210
CXA3590-0000-
000R00CB50H
CXA3590-0000-
000R00CB50F
CD
12,000
13,320
CXA3590-0000-
000R00CD50H
CXA3590-0000-
000R00CD50F
80
---
BB
9,500
10,545
50H
CXA3590-0000-
000R0HBB50H
50G
CXA3590-0000-
000R0HBB50G
50F
CXA3590-0000-
000R0HBB50F
BD
10,000
11,100
CXA3590-0000-
000R0HBD50H
CXA3590-0000-
000R0HBD50G
CXA3590-0000-
000R0HBD50F
CB
11,000
12,210
CXA3590-0000-
000R0HCB50H
CXA3590-0000-
000R0HCB50G
CXA3590-0000-
000R0HCB50F
90
95
AB
8,500
9,435
50H
CXA3590-0000-
000R0UAB50H
50G
CXA3590-0000-
000R0UAB50G
50F
CXA3590-0000-
000R0UAB50F
AD
9,000
9,990
CXA3590-0000-
000R0UAD50H
CXA3590-0000-
000R0UAD50G
CXA3590-0000-
000R0UAD50F


Podobny numer części - CXA3590-0000-000N00BB40F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

Podobny opis - CXA3590-0000-000N00BB40F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com