Zakładka z wyszukiwarką danych komponentów |
|
CXA1304-0000-000F0U9440G Arkusz danych(PDF) 2 Page - Cree, Inc |
|
CXA1304-0000-000F0U9440G Arkusz danych(HTML) 2 Page - Cree, Inc |
2 / 30 page Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 2 XLamp® CXa1304 LED ChArACtEristiCs Characteristics unit Minimum typical Maximum Viewing angle (FWHM) degrees 115 ESD withstand voltage (HBM per Mil‑Std‑883D) v 8000 DC forward current (9 V) mA 1000* DC forward current (18 V) mA 500* DC forward current (36 V) mA 250* Reverse current (9 V, 18V, 36 V) mA 0.1 Forward voltage (9 V, 400 mA, 85 °C) v 9 Forward voltage (9 V, 400 mA, 25 °C) v 10.5 Forward voltage (18 V, 200 mA, 85 °C) v 18 Forward voltage (18 V, 200 mA, 25 °C) v 21 Forward voltage (36 V, 100 mA, 85 °C) v 36 Forward voltage (36 V, 100 mA, 25 °C) v 42 * Refer to the Operating Limits section. oPErAting LiMits The maximum current rating of the CXA1304 is dependent on the case temperature (Tc) when the LED has reached thermal equilibrium under steady‑state operation. The graphs shown below assume that the system design employs good thermal management (thermal interface material and heat sink) and may vary when poor thermal management is employed. Please refer to the Mechanical Dimensions section on page 26 for the location of the Tc measurement point. CXA1304-9V 0 200 400 600 800 1000 1200 0 25 50 75 100 125 150 Case Temperature (°C) 9 V |
Podobny numer części - CXA1304-0000-000F0U9440G |
|
Podobny opis - CXA1304-0000-000F0U9440G |