Zakładka z wyszukiwarką danych komponentów |
|
CXA1510-0000-000N0UG240H Arkusz danych(PDF) 6 Page - Cree, Inc |
|
CXA1510-0000-000N0UG240H Arkusz danych(HTML) 6 Page - Cree, Inc |
6 / 27 page Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 6 XLamp® CXa1510 LED Notes • Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI measurements. See the Measurements section (page 26). • Cree XLamp CXA1510 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code. * Flux values @ 25 °C are calculated and for reference only. nominal CCt Cri Minimum Luminous flux 2-step 3-step 4-step Min typ group Flux (lm) @ 85 °C Flux (lm) @ 25 °C* group order Code group order Code group order Code 3500 K 80 --- H2 900 999 35H CXA1510-0000- 000F00H235H 35G CXA1510-0000- 000F00H235G 35F CXA1510-0000- 000F00H235F H4 970 1076 CXA1510-0000- 000F00H435H CXA1510-0000- 000F00H435G CXA1510-0000- 000F00H435F J2 1040 1154 CXA1510-0000- 000F00J235H CXA1510-0000- 000F00J235G CXA1510-0000- 000F00J235F 90 95 F2 680 755 35H CXA1510-0000- 000F0UF235H 35G CXA1510-0000- 000F0UF235G 35F CXA1510-0000- 000F0UF235F F4 730 810 CXA1510-0000- 000F0UF435H CXA1510-0000- 000F0UF435G CXA1510-0000- 000F0UF435F G2 780 866 CXA1510-0000- 000F0UG235H CXA1510-0000- 000F0UG235G CXA1510-0000- 000F0UG235F 93 95 F2 680 755 35H CXA1510-0000- 000F0YF235H 35G CXA1510-0000- 000F0YF235G 35F CXA1510-0000- 000F0YF235F F4 730 810 CXA1510-0000- 000F0YF435H CXA1510-0000- 000F0YF435G CXA1510-0000- 000F0YF435F G2 780 866 CXA1510-0000- 000F0YG235H CXA1510-0000- 000F0YG235G CXA1510-0000- 000F0YG235F 3000 K 80 --- H2 900 999 30H CXA1510-0000- 000F00H230H 30G CXA1510-0000- 000F00H230G 30F CXA1510-0000- 000F00H230F H4 970 1076 CXA1510-0000- 000F00H430H CXA1510-0000- 000F00H430G CXA1510-0000- 000F00H430F J2 1040 1154 CXA1510-0000- 000F00J230H CXA1510-0000- 000F00J230G CXA1510-0000- 000F00J230F 90 95 F2 680 755 30H CXA1510-0000- 000F0UF230H 30G CXA1510-0000- 000F0UF230G 30F CXA1510-0000- 000F0UF230F F4 730 810 CXA1510-0000- 000F0UF430H CXA1510-0000- 000F0UF430G CXA1510-0000- 000F0UF430F G2 780 866 CXA1510-0000- 000F0UG230H CXA1510-0000- 000F0UG230G CXA1510-0000- 000F0UG230F 93 95 F2 680 755 30H CXA1510-0000- 000F0YF230H 30G CXA1510-0000- 000F0YF230G 30F CXA1510-0000- 000F0YF230F F4 730 810 CXA1510-0000- 000F0YF430H CXA1510-0000- 000F0YF430G CXA1510-0000- 000F0YF430F G2 780 866 CXA1510-0000- 000F0YG230H CXA1510-0000- 000F0YG230G CXA1510-0000- 000F0YG230F fLuX ChArACtEristiCs, EAsyWhitE® Order COdes and Bins - 18 V (i f = 500 mA, tJ = 85 °C) - COntinued |
Podobny numer części - CXA1510-0000-000N0UG240H |
|
Podobny opis - CXA1510-0000-000N0UG240H |