Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMOC3052L Arkusz danych(PDF) 4 Page - COSMO Electronics Corporation

Numer części KMOC3052L
Szczegółowy opis  5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COSMO [COSMO Electronics Corporation]
Strona internetowa  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3052L Arkusz danych(HTML) 4 Page - COSMO Electronics Corporation

  KMOC3052L Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3052L Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3052L Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3052L Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3052L Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3052L Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3052L Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3052L Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3052L Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P41002.2
- 4 -
http://www.cosmo-ic.com
cosmo
KMOC305X Series
5PIN RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Fig.1 Forward Current
Fig.2 Diode Power Dissipation
vs. Ambient Temperature
vs. Ambient Temperature
0
-4 0
- 2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 1 5
1 0
2 0
3 0
4 0
5 0
6 0
0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 1 5
2 0
4 0
6 0
8 0
1 0 0
1 2 0
7 0
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.3 On-state R.M.S. Current
Fig.4 Total Power Dissipation
vs. Ambient Temperature
vs. Ambient Temperature
0
-40
-20
0
20
40
60
80
100 115
20
40
60
80
100
120
0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 1 5
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
6 0 0
3 3 0
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.5 Peak Forward Current
Fig.6 Forward Current
vs. Duty Ratio
vs. Forward Voltage
10
10
100
1000
10000
1
-3
10
-2
10
-1
Pulse width <= 100us
Ta=25°C
1
10
100
1000
0.5
1.0
1.5
2.0
2.5
3.0
0
5
2
50
20
500
200
Ta=75°C
50°C
25°C
0°C
-25°C
Duty Ratio
Forward Voltage (V)


Podobny numer części - KMOC3052L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KMOC3052 COSMO-KMOC3052 Datasheet
352Kb / 2P
   HIGH RELIABLIITY PHOTOCOUPLER
KMOC3052H COSMO-KMOC3052H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052 COSMO-KMOC3052_11 Datasheet
85Kb / 6P
   Optoisolators TRIAC Driver Output
More results

Podobny opis - KMOC3052L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X Datasheet
214Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X_15 Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3011 COSMO-KMOC3011_15 Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3616 COSMO-KTLP3616_15 Datasheet
250Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3502 COSMO-KTLP3502_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506 COSMO-KTLP3506_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP165J COSMO-KTLP165J_15 Datasheet
207Kb / 9P
   4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com