Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMOC3083TL Arkusz danych(PDF) 1 Page - COSMO Electronics Corporation

Numer części KMOC3083TL
Szczegółowy opis  5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COSMO [COSMO Electronics Corporation]
Strona internetowa  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3083TL Arkusz danych(HTML) 1 Page - COSMO Electronics Corporation

  KMOC3083TL Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3083TL Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3083TL Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3083TL Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3083TL Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3083TL Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3083TL Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3083TL Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3083TL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P42003.2
- 1 -
http://www.cosmo-ic.com
cosmo
KMOC308X Series
5PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
 Description
The KMOC3081 、 KMOC3082 、 KMOC3083
series consist of a GaAs infrared emitting diode
optically coupled to a monolithic silicon detector
performing the function of a zero voltage crossing
bilateral TRIAC driver. They are designed for use
with a TRIAC in the interface of logic systems to
equipment powered from 240 VAC lines, such as
solid-state
relays,
industrial
controls,
motors,
solenoids and consumer appliances, etc.
 Schematic
Z.C
1
2
3
6
4
1. Anode
2. Cathode
3. NC
4. Main terminal
6. Main terminal
 Features
1. Pb free and RoHS compliant
2. 800V peak blocking voltage
3. Simplifies logic control of 240 VAC power
4. Zero voltage crossing
5. Isolation voltage between input and output (Viso:5300Vms)
6. MSL class 1
7. Agency Approvals:
• UL Approved (No. E169586): UL1577
C-UL Approved (No. E169586)
• VDE Approved (No. 101347): DIN EN60747-5-5
• FIMKO Approved: EN60065, EN60950
• SEMKO Approved: EN60065
• CQC Approved: GB8898-2011, GB4943.1-2011
 Applications
Solenoid/Valve controls
Lighting controls
Static power switches
AC motor drives
Temperature controls
E.M contactors
AC motor contactors
Solid state relay
Programmable controllers


Podobny numer części - KMOC3083TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KMOC3083 COSMO-KMOC3083 Datasheet
384Kb / 2P
   Zero Crossing Optoisolators Triac Driver Output
KMOC3083 COSMO-KMOC3083 Datasheet
306Kb / 4P
   COSMO New Product Photo Triac KMOC308X Series 800V
KMOC3083H COSMO-KMOC3083H Datasheet
88Kb / 6P
   PRODUCT SPECIFICATION
KMOC3083S COSMO-KMOC3083S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3083 COSMO-KMOC3083_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
More results

Podobny opis - KMOC3083TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X_15 Datasheet
345Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X Datasheet
214Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3617 COSMO-KTLP3617_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012 COSMO-KMOC3012_15 Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3507 COSMO-KTLP3507_15 Datasheet
255Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP166J COSMO-KTLP166J_15 Datasheet
211Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161L COSMO-KTLP161L_15 Datasheet
210Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com