Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4099-1 Arkusz danych(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Numer części 1N4099-1
Szczegółowy opis  500 mW power handling
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

1N4099-1 Arkusz danych(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  1N4099-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 1N4099-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 1N4099-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 1N4099-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Noise Zener Diode Series
Rev. V2
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
1N4099-1 thru 1N4135-1 &
1N4614-1 thru 1N4627-1
JEDEC TYPE
No.
(Note1)
Normal
Zener Voltage
VZ @ IZT
Zener Test
Current
IZT
Maximum
Zener Impedance
ZZT
Maximum
Reverse Current
IR @ VR
Maximum
Noise Density
ND @ IZT
Maximum
Zener Current
IZM
Volts
A
Ohms
A
Volts
V / √Hz
mA
1N4121-1
33
250
200
0.01
25.08
40
12
1N4122-1
36
250
200
0.01
27.38
40
11
1N4123-1
39
250
200
0.01
29.65
40
9.8
1N4124-1
43
250
250
0.01
32.65
40
8.9
1N4125-1
47
250
250
0.01
35.75
40
8.1
1N4126-1
51
250
300
0.01
38.76
40
7.5
1N4127-1
56
250
300
0.01
42.6
40
6.7
1N4128-1
60
250
400
0.01
45.6
40
6.4
1N4129-1
62
250
500
0.01
47.1
40
6.1
1N4130-1
68
250
700
0.01
51.68
40
5.6
1N4131-1
75
250
700
0.01
57
40
5.1
1N4132-1
82
250
800
0.01
62.32
40
4.6
1N4133-1
87
250
1000
0.01
66.12
40
4.4
1N4134-1
91
250
1200
0.01
69.16
40
4.2
1N4135-1
100
250
1500
0.01
76
40
3
1N4614-1
1.8
250
1200
7.5
1
1
120
1N4615-1
2
250
1250
5
1
1
110
1N4616-1
2.2
250
1300
4
1
1
100
1N4617-1
2.4
250
1400
2
1
1
95
1N4618-1
2.7
250
1500
1
1
1
90
1N4619-1
3
250
1600
0.8
1
1
87
1N4620-1
3.3
250
1650
7.5
1.5
1
85
1N4621-1
3.6
250
1700
7.5
2
1
83
1N4622-1
3.9
250
1650
5
2
1
80
1N4623-1
4.3
250
1600
4
2
1
77
1N4624-1
4.7
250
1550
10
2
1
75
1N4625-1
5.1
250
1500
10
3
2
70
1N4626-1
5.6
250
1400
10
4
4
65
1N4627-1
6.2
250
1200
10
5
5
61
Electrical Specifications: TA = +25°C (unless otherwise specified)
1. The JEDEC type numbers shown with no suffix have a standard tolerance of +5% on the nominal Zener voltage; suffix C is used to identify
+2%: and suffix D is used identify +1% tolerance. Vz is measured with the diode in thermal equilibrium in 25°C still air.
Absolute Maximum Ratings
Parameter
Absolute Maximum
Steady State Power Dissipation
0.5 W
Forward Voltage
1.1 V @ 200 mA
Thermal Resistance
250°C/W
Operating & Storage Temperature
-65°C to +175°C


Podobny numer części - 1N4099-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Compensated Deuices Inc...
1N4099-1 CDI-DIODE-1N4099-1 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Microsemi Corporation
1N4099-1 MICROSEMI-1N4099-1 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
More results

Podobny opis - 1N4099-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
CGY2030M PHILIPS-CGY2030M Datasheet
93Kb / 12P
   DECT 500 mW power amplifier
1997 Jan 17
CGY2032BTS PHILIPS-CGY2032BTS Datasheet
61Kb / 12P
   DECT 500 mW power amplifier
2000 Mar 14
CGY2032TS PHILIPS-CGY2032TS Datasheet
60Kb / 12P
   DECT 500 mW power amplifier
1999 Jul 21
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
   Total power dissipation: max. 500 mW
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
Rev. 1.2. 29-Nov-16
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Micro Commercial Compon...
MTZJ39 MCC-MTZJ39 Datasheet
281Kb / 5P
   500 mW Zener Diode
MMTZJ39 MCC-MMTZJ39 Datasheet
306Kb / 5P
   500 mW Zener Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com