Zakładka z wyszukiwarką danych komponentów |
|
CXA1304-0000-000F0HC20E3 Arkusz danych(PDF) 6 Page - Cree, Inc |
|
CXA1304-0000-000F0HC20E3 Arkusz danych(HTML) 6 Page - Cree, Inc |
6 / 30 page Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 6 XLamp® CXa1304 LED Notes • Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI measurements. See the Measurements section (page 29). • Cree XLamp CXA1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code. * Flux values @ 25 °C are calculated and for reference only. nominal CCt Cri Minimum Luminous flux 2-step 3-step 4-step Min typ group Flux (lm) @ 85 °C Flux (lm) @ 25 °C* group order Code group order Code group order Code 2700 K 80 --- A4 355 396 27H CXA1304-0000- 000C00A427H 27G 27F CXA1304-0000- 000C00A427F B2 380 423 CXA1304-0000- 000C00B227H CXA1304-0000- 000C00B227G CXA1304-0000- 000C00B227F B4 410 457 CXA1304-0000- 000C00B427H CXA1304-0000- 000C00B427G CXA1304-0000- 000C00B427F 93 95 84 220 248 27H CXA1304-0000- 000C0Y8427H 27G 27F CXA1304-0000- 000C0Y8427F 92 250 281 CXA1304-0000- 000C0Y9227H CXA1304-0000- 000C0Y9227G CXA1304-0000- 000C0Y9227F 94 290 327 CXA1304-0000- 000C0Y9427H CXA1304-0000- 000C0Y9427G CXA1304-0000- 000C0Y9427F fLuX ChArACtEristiCs, EAsyWhitE® Order COdes and Bins - 9 V (i f = 400 mA, tJ = 85 °C) - COnTinUed |
Podobny numer części - CXA1304-0000-000F0HC20E3 |
|
Podobny opis - CXA1304-0000-000F0HC20E3 |