Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3700UB Arkusz danych(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Numer części 2N3700UB
Szczegółowy opis  NPN Low Power Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N3700UB Arkusz danych(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2N3700UB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N3700UB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N3700UB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N3700UB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 2N3700UB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN Low Power Silicon Transistor
Rev. V1
2N3057A, 2N3700, 2N3700UB
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 JANS Qualified to MIL-PRF-19500/391
 2N3700 & 2N3700UB available in JANSR
JEDEC registered 2N3700, 2N3057
 Lightweight & Low Power
 Ideal for Space, Military, & other High Reliability
Applications
 TO-18 (TO-206AA), TO-46 (TO-206AB) Surface
Mount UB Package Styles Package
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Off Characteristics
Collector - Emitter Breakdown Voltage
IC = 30 mA
V(BR)CEO
V
80
Collector - Base Cutoff Current
VBC = 140 V
ICBO
µA
10
Emitter - Base Cutoff Current
VEB = 7 V
IEBO1
µA
10
Collector - Emitter Cutoff Current
VCE = 90 V
ICES
nA
10
Emitter - Base Cutoff Current
VEB = 5 Vdc
IEBO2
nA
10
On Characteristics1
Forward Current Transfer Ratio
IC = 150 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 500 mA, VCE = 10 V
IC = 1 mA, VCE = 10 V
HFE
-
100
90
50
15
300
300
Collector - Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
VCE(SAT) Vdc
0.2
0.5
Base - Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA
VBE(SAT) Vdc
1.1
Dynamic Characteristics
Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 1 A, VCE = 5 V, f = 1 kHz
HFE
80
400
Magnitude ofSmall-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 50 mA, VCE = 10 V, f = 20 MHz
| HFE |
5
20
Output Capacitance
VCB = 10 V, IE = 0, 100 kHz ≤ f ≤ 1 MHz
VCB = 0.5 V, IE = 0, 100 kHz ≤ f ≤ 1 MHz
COBO
CIBO
pF
12
60
Safe Operating Area
DC Tests:
TC = +25 °C, I Cycle, t = 10 ms
Test 1:
VCE = 10 V, IC = 180 mA
Test 2:
VCE = 40 V, IC = 50 mA
Test 3:
VCE = 80 V, IC = 15 mA
1. Pulse Test: Pulse Width = 300 µs, Duty Cycle ≤ 2%.


Podobny numer części - 2N3700UB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semicoa Semiconductor
2N3700UB SEMICOA-2N3700UB Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
2N3700UB SEMICOA-2N3700UB Datasheet
46Kb / 2P
   Type 2N3700UB Geometry 4500 Polarity NPN
logo
Microsemi Corporation
2N3700UB MICROSEMI-2N3700UB Datasheet
432Kb / 7P
   Low Power NPN Silicon Transistor
2013
More results

Podobny opis - 2N3700UB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
   NPN SILICON LOW POWER TRANSISTOR
logo
Microsemi Corporation
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
   NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2432 MICROSEMI-2N2432 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2484 MICROSEMI-2N2484_1 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
JAN2N2484 MICROSEMI-JAN2N2484 Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
JANS2N3440 MICROSEMI-JANS2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
2N3439 MICROSEMI-2N3439_1 Datasheet
106Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com