Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10137 Arkusz danych(PDF) 5 Page - Motorola, Inc

Numer części MC10137
Szczegółowy opis  Universal Decade Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10137 Arkusz danych(HTML) 5 Page - Motorola, Inc

  MC10137 Datasheet HTML 1Page - Motorola, Inc MC10137 Datasheet HTML 2Page - Motorola, Inc MC10137 Datasheet HTML 3Page - Motorola, Inc MC10137 Datasheet HTML 4Page - Motorola, Inc MC10137 Datasheet HTML 5Page - Motorola, Inc MC10137 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC10137
3–39
MOTOROLA
MECL Data
DL122 — Rev 6
Clock Input
Q
D or S
C
Clock
Q Output
SWITCHING TIME TEST CIRCUIT AND WAVEFORMS @ 25
°C
(a) is the minimum time to wait after the
counter has been enabled to clock it.
(b) is the minimum time before the counter
has been disabled that it may be clocked.
(c) is the minimum time before the counter
is enabled that a clock pulse may be
applied with no effect on the state of the
counter.
(d) is the minimum time to wait after the
counter is disabled that a clock pulse may
be applied with no effect in the state of the
counter.
(b) and (c) may be negative numbers.
Cin
TPout
Coax
Cout
Q3
Q2
Q1
Q0
C
D0
D1
D2
D3
S1
S2
Vout
Vin
Coax
TPin
16
25
µF
1
0.1
µF
8
VEE = –3.2 Vdc
VCC1 = VCC2 = +2.0 Vdc
0.1
µF
tsetup L
thold L
50%
thold H
tsetup H
50%
50%
tC+Q+
tQ+
80%
50%
20%
tQ–
tC+Q–
+0.31 V
+1.11 V
+0.31 V
+1.11 V
50-ohm termination to ground lo-
cated in each scope channel input.
All input and output cables to the
scope are equal lengths of 50-ohm
coaxial cable. Wire length should be
< 1/4 inch from TPin to input pin and
TPout to output pin.
Unused outputs are connected to a
50-ohm resistor to ground.
NOTE:
tsetup is the minimum time before the positive
transition of the clock pulse (C) that information must
be present at the input D or S.
thold is the minimum time after the positive
transition of the clock pulse (C) that information must
remain unchanged at the input D or S.
Input Pulse
t+ = t– = 2.0
±0.2 ns
(20 to 80%)
Clock
Carry in
(c)
(d)
Clock
Carry In
(a)
(b)


Podobny numer części - MC10137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC10130 MOTOROLA-MC10130 Datasheet
830Kb / 2P
   DUAL LATCH
logo
ON Semiconductor
MC10131 ONSEMI-MC10131 Datasheet
111Kb / 5P
   Dual TYPE D Master-Slave Flip-Flop
1996 REV 5
MC10131 ONSEMI-MC10131 Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10131FN ONSEMI-MC10131FN Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10131L ONSEMI-MC10131L Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
More results

Podobny opis - MC10137

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14017BDG ONSEMI-MC14017BDG Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017B ONSEMI-MC14017B_14 Datasheet
117Kb / 8P
   Decade Counter
August, 2014 ??Rev. 9
MC14017B ONSEMI-MC14017B_05 Datasheet
123Kb / 8P
   Decade Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14017B MOTOROLA-MC14017B Datasheet
258Kb / 7P
   Decade Counter
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B Datasheet
117Kb / 8P
   Decade Counter
August, 2000 ??Rev. 4
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Raytheon Company
CK6476 RAYTHEON-CK6476 Datasheet
353Kb / 3P
   DECADE COUNTER TUBE
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
   Decade Counter/Divider
logo
Hitachi Semiconductor
HD74HC4017 HITACHI-HD74HC4017 Datasheet
50Kb / 8P
   Decade Counter/Divider
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com