Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST62E80B Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części ST62E80B
Szczegółowy opis  8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62E80B Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button ST62E80B Datasheet HTML 5Page - STMicroelectronics ST62E80B Datasheet HTML 6Page - STMicroelectronics ST62E80B Datasheet HTML 7Page - STMicroelectronics ST62E80B Datasheet HTML 8Page - STMicroelectronics ST62E80B Datasheet HTML 9Page - STMicroelectronics ST62E80B Datasheet HTML 10Page - STMicroelectronics ST62E80B Datasheet HTML 11Page - STMicroelectronics ST62E80B Datasheet HTML 12Page - STMicroelectronics ST62E80B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
9/78
ST62T80B/E80B
MEMORY MAP (Cont’d)
Table 1. ST62E80B/T80B Program Memory Map
Note: OTP/EPROM devices can be programmed
with the development tools available from STMicro-
electronics (ST62E8X-EPB).
1.3.2.1 Program ROM Page Register (PRPR)
The PRPR register can be addressed like a RAM
location in the Data Space at the address CAh ;
nevertheless it is a write only register that cannot
be accessed with single-bit operations. This regis-
ter is used to select the 2-Kbyte ROM bank of the
Program Space that will be addressed. The
number of the page has to be loaded in the PRPR
register. Refer to the Program Space description
for additional information concerning the use of
this register. The PRPR register is not modified
when an interrupt or a subroutine occurs.
Care is required when handling the PRPR register
as it is write only. For this reason, it is not allowed
to change the PRPR contents while executing in-
terrupt service routine, as the service routine
cannot save and then restore its previous content.
This operation may be necessary if common rou-
tines and interrupt service routines take more than
2K bytes ; in this case it could be necessary to di-
vide the interrupt service routine into a (minor) part
in the static page (start and end) and to a second
(major) part in one of the dynamic pages. If it is im-
possible to avoid the writing of this register in inter-
rupt service routines, an image of this register
must be saved in a RAM location, and each time
the program writes to the PRPR it must write also
to the image register. The image register must be
written before PRPR, so if an interrpt occurs be-
tween the two instructions the PRPR is not af-
fected.
Program ROM Page Register (PRPR)
Address: CAh
Write Only
Bits 2-7= Not used.
Bit 5-0 = PRPR1-PRPR0: Program ROM Select.
These two bits select the corresponding page to
be addressed in the lower part of the 4K program
address space as specified in Table 2.
This register is undefined on Reset. Neither read
nor single bit instructions may be used to address
this register.
Table 2. 8Kbytes Program ROM Page Register
Coding
1.3.2.2 Program Memory Protection
The Program Memory in OTP or EPROM devices
can be protected against external readout of mem-
ory by selecting the READOUT PROTECTION op-
tion in the option byte.
In the EPROM parts, READOUT PROTECTION
option can be disactivated only by U.V. erasure
that also results into the whole EPROM context
erasure.
Note: Once the Readout Protection is activated, it
is no longer possible, even for STMicroelectronics,
to gain access to the Program memory contents.
Returned parts with a protection set can therefore
not be accepted.
ROM Page
Device Address
Description
Page 0
0000h-007Fh
0080h-07FFh
Reserved
User ROM
Page 1
“STATIC”
0800h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Vector
Reset Vector
Page 2
0000h-000Fh
0010h-07FFh
Reserved
User ROM
Page 3
0000h-000Fh
0010h-07FFh
Reserved
User ROM
70
------
PRPR0 PRPR1
PRPR1
PRPR0
PC bit 11
Memory Page
X
X
1
Static Page (Page 1)
0
0
0
Page 0
0
1
0
Page 1 (Static Page
1
0
0
Page 2
1
1
0
Page 3
1055


Podobny numer części - ST62E80B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST62E80B STMICROELECTRONICS-ST62E80B Datasheet
488Kb / 78P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62E80B STMICROELECTRONICS-ST62E80B Datasheet
1Mb / 80P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
ST62E80BG1 STMICROELECTRONICS-ST62E80BG1 Datasheet
1Mb / 80P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
More results

Podobny opis - ST62E80B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST62T40B STMICROELECTRONICS-ST62T40B Datasheet
445Kb / 72P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
August 1999 Rev. 2.6
ST62T80B STMICROELECTRONICS-ST62T80B_07 Datasheet
1Mb / 80P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
ST6240B STMICROELECTRONICS-ST6240B Datasheet
1Mb / 76P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T42B STMICROELECTRONICS-ST62T42B Datasheet
410Kb / 68P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
August 1999 Rev. 2.6
ST62T46B STMICROELECTRONICS-ST62T46B Datasheet
455Kb / 72P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
September 1998 Rev. 2.5
ST62T45B STMICROELECTRONICS-ST62T45B Datasheet
514Kb / 72P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
March 1998 Rev. 2.3
ST62T80B STMICROELECTRONICS-ST62T80B Datasheet
488Kb / 78P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T85B STMICROELECTRONICS-ST62T85B Datasheet
461Kb / 76P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T85B STMICROELECTRONICS-ST62T85B_01 Datasheet
874Kb / 78P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T52B STMICROELECTRONICS-ST62T52B Datasheet
745Kb / 68P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
April 1998 Rev. 2.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com