Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10168 Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części MC10168
Szczegółowy opis  Quad Latch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10168 Arkusz danych(HTML) 3 Page - Motorola, Inc

  MC10168 Datasheet HTML 1Page - Motorola, Inc MC10168 Datasheet HTML 2Page - Motorola, Inc MC10168 Datasheet HTML 3Page - Motorola, Inc MC10168 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC10168
3–101
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
3,7,9,14
4,5,10,12
13
*
*
13
8
8
8
1, 16
1, 16
1, 16
IinL
*
*
8
1, 16
Output Voltage
Logic 1
VOH
2
6
3, 13
7, 13
8
8
1, 16
1, 16
Output Voltage
Logic 0
VOL
2
6
3, 5
4, 7
8
8
1, 16
1, 16
Threshold Voltage
Logic 1
VOHA
2
6
13
13
3
7
8
8
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
2
6
13
13
3
7
8
8
1, 16
1, 16
Switching Times
(50
Ω Load)
+1.11V
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
Data
Gate
Clock
t3+2+
t5–2+
t13+2+
2
2
2
3
5
13
2
2
2
8
8
8
1, 16
1, 16
1, 16
Setup Time
t3+13+
2
8
1, 16
Hold Time
t13+3+
2
8
1, 16
Rise Time
(20 to 80%)
t2+
2
3
2
8
1, 16
Fall Time
(20 to 80%)
t2–
2
3
2
8
1, 16
* Individually test each input applying VIH or VIL to input under test.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Podobny numer części - MC10168

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
ON Semiconductor
MC10161 ONSEMI-MC10161 Datasheet
120Kb / 5P
   Binary to 1-8 Decoder(Low)
1996 REV 5
MC10161 ONSEMI-MC10161 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161FN ONSEMI-MC10161FN Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161L ONSEMI-MC10161L Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
More results

Podobny opis - MC10168

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
9314 TI1-9314_11 Datasheet
361Kb / 8P
[Old version datasheet]   Quad Latch
logo
Fairchild Semiconductor
DM74LS75 FAIRCHILD-DM74LS75 Datasheet
49Kb / 5P
   Quad Latch
logo
ON Semiconductor
MC10153 ONSEMI-MC10153_02 Datasheet
111Kb / 8P
   Quad Latch
January, 2002 ??Rev. 7
MC10153 ONSEMI-MC10153 Datasheet
107Kb / 5P
   Quad Latch
1996 REV 5
logo
National Semiconductor ...
93L14 NSC-93L14 Datasheet
106Kb / 6P
   Quad Latch
logo
Fairchild Semiconductor
DM93L14 FAIRCHILD-DM93L14 Datasheet
115Kb / 5P
   Quad Latch
logo
National Semiconductor ...
9314 NSC-9314 Datasheet
123Kb / 6P
   Quad Latch
logo
LANSDALE Semiconductor ...
ML43350 LANSDALE-ML43350 Datasheet
2Mb / 4P
   Quad Latch
logo
Motorola, Inc
MC10133 MOTOROLA-MC10133 Datasheet
89Kb / 4P
   Quad Latch
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
   Quad D latch
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com