Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10211 Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części MC10211
Szczegółowy opis  Dual 3-Input/3-Output NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10211 Arkusz danych(HTML) 3 Page - Motorola, Inc

  MC10211 Datasheet HTML 1Page - Motorola, Inc MC10211 Datasheet HTML 2Page - Motorola, Inc MC10211 Datasheet HTML 3Page - Motorola, Inc MC10211 Datasheet HTML 4Page - Motorola, Inc MC10211 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10211
3–189
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
Characteristic
Symbol
Pin
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 15, 16
Input Current
IinH
5, 6, 7
*
8
1, 15, 16
IinL
5, 6, 7
*
8
1, 15, 16
Output Voltage
Logic 1
VOH
2
3
4
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Output Voltage
Logic 0
VOL
2
3
4
5
6
7
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Threshold Voltage
Logic 1
VOHA
2
3
4
5
6
7
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Threshold Voltage
Logic 0
VOLA
2
3
4
5
6
7
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t5+2–
t5–2+
t5+3–
t5–3+
t5+4–
t5–4+
2
2
3
3
4
4
5
5
5
5
5
5
2
2
3
3
4
4
8
8
8
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
1, 15, 16
1, 15, 16
1, 15, 16
Rise Time
(20 to 80%)
t2+
t3+
t4+
2
3
4
5
5
5
2
3
4
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
Fall Time
(20 to 80%)
t2–
t3–
t4–
2
3
4
5
5
5
2
3
4
8
8
8
1, 15, 16
1, 15, 16
1, 15, 16
* Individually test each input using the pin connections shown.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Podobny numer części - MC10211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC10210 MOTOROLA-MC10210 Datasheet
71Kb / 5P
   Dual 3-Input/3-Output OR Gate
MC10210FN MOTOROLA-MC10210FN Datasheet
71Kb / 5P
   Dual 3-Input/3-Output OR Gate
MC10210L MOTOROLA-MC10210L Datasheet
71Kb / 5P
   Dual 3-Input/3-Output OR Gate
MC10210P MOTOROLA-MC10210P Datasheet
71Kb / 5P
   Dual 3-Input/3-Output OR Gate
MC10212 MOTOROLA-MC10212 Datasheet
74Kb / 5P
   High Speed Dual 3-Input/3-Output OR/NOR Gate
More results

Podobny opis - MC10211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H211 ONSEMI-MC10H211 Datasheet
95Kb / 3P
   Dual 3-Input 3-Output NOR Gate
1996 REV 5
logo
Motorola, Inc
MC10212 MOTOROLA-MC10212 Datasheet
74Kb / 5P
   High Speed Dual 3-Input/3-Output OR/NOR Gate
logo
NXP Semiconductors
HEF4000B PHILIPS-HEF4000B Datasheet
77Kb / 5P
   Dual 3-input NOR gate and inverter
January 1995
logo
Motorola, Inc
MC14000UB MOTOROLA-MC14000UB Datasheet
191Kb / 5P
   Dual 3-Input NOR Gate Plus Inverter
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com